Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CVTATLD Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTATLD Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button PPC8572CVTATLD Datasheet HTML 129Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 130Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 131Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 135Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 136Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
133
System Design Information
21.10 Guidelines for High-Speed Interface Termination
21.10.1 SerDes 1 Interface Entirely Unused
If the high-speed SerDes 1 interface is not used at all, the unused pin should be terminated as described in
this section.
The following pins must be left unconnected (float):
•
SD1_TX[7:0]
•
SD1_TX[7:0]
•
Reserved pins C24, C25, H26, H27
The following pins must be connected to XGND_SRDS1:
•
SD1_RX[7:0]
•
SD1_RX[7:0]
•
SD1_REF_CLK
•
SD1_REF_CLK
Pins K32 and C29 must be tied to XVDD_SRDS1. Pins K31 and C30 must be tied to XGND_SRDS1
through a 300-
Ω resistor.
The POR configuration pin cfg_srds1_en on TSEC2_TXD[5] can be used to power down SerDes 1 block
for power saving. Note that both SVDD_SRDS1 and XVDD_SRDS1 must remain powered.
21.10.2 SerDes 1 Interface Partly Unused
If only part of the high speed SerDes 1 interface pins are used, the remaining high-speed serial I/O pins
should be terminated as described in this section.
The following pins must be left unconnected (float) if not used:
•
SD1_TX[7:0]
•
SD1_TX[7:0]
•
Reserved pins: C24, C25, H26, H27
The following pins must be connected to XGND_SRDS1 if not used:
•
SD1_RX[7:0]
•
SD1_RX[7:0]
Pins K32 and C29 must be tied to XVDD_SRDS1. Pins K31 and C30 must be tied to XGND_SRDS1
through a 300-
Ω resistor.
21.10.3 SerDes 2 Interface (SGMII) Entirely Unused
If the high-speed SerDes 2 interface (SGMII) is not used at all, the unused pin should be terminated as
described in this section.
The following pins must be left unconnected (float):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com