Electronic Components Datasheet Search
  English  ▼

X  

FC801 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC801
Description  Composite Diode for High-Speed Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC801 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC801 Datasheet HTML 1Page - Sanyo Semicon Device FC801 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22898HA (KT)/91694MO 8-4998/5169MO, TS No.3107-1/2
FC801
Ordering number :EN3107A
Composite Diode
for High-Speed Switching Applications
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Epitaxal Planar Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
5
7V
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
0
5V
t
n
e
r
r
u
C
e
g
r
u
SI
M
S
F
s
µ
1
4A
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
0
0
1A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
PI M
F
0
0
3A
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
0
5
–
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
Rt
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
1
=2
7
.
00
.
1V
IF
A
m
0
5
=2
8
.
00
.
1V
IF
A
m
0
0
1
=8
8
.
02
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
5
=
0
0
1A
n
e
c
n
a
t
i
c
a
p
a
C
l
a
m
i
m
r
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
=5
.
40
.
9F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF
V
,
A
m
0
1
=
R
R
,
V
6
=
L
0
5
=
Ω I
, r
r
p
r
I
1
.
0
=0
.
8s
n
Features
· Composite type with 4 diodes contained in the CP
package currently in use, improving the mounting
efficiency greatly.
· The FC801 is formed with two chips, each being
equivalent to the DCA015, placed in one package.
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1232A
[FC801]
1:Cathode
2:Cathode
3:Anode
4:Cathode
5:Cathode
6:Anode
SANYO:CP6
Electrical Characteristics at Ta = 25˚C
Reverse Recovery Time Test Circuit
Note) The specifications shown above are for each individual diode.
· Marking:801
Electrical Connection
˚C
˚C


Similar Part No. - FC801

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC802 SANYO-FC802 Datasheet
42Kb / 2P
Composite Diode for High-Speed Switching Applications
logo
Positronic.
FC8020D2 POSITRONIC-FC8020D2 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2AL POSITRONIC-FC8022D2AL Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2CH POSITRONIC-FC8022D2CH Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2CO POSITRONIC-FC8022D2CO Datasheet
4Mb / 86P
Positronic Provides Complete Capability
More results

Similar Description - FC801

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS250 TOSHIBA-1SS250 Datasheet
128Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATIONS)
07-May-1997
1SS401 TOSHIBA-1SS401 Datasheet
107Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATIONS)
1SS402 TOSHIBA-1SS402 Datasheet
112Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
FC802 SANYO-FC802 Datasheet
42Kb / 2P
Composite Diode for High-Speed Switching Applications
FC807 SANYO-FC807 Datasheet
46Kb / 2P
High-Speed Switching Composite Diode Anode Common
FC808 SANYO-FC808 Datasheet
47Kb / 2P
High-Speed Switching Composite Diode Cathode Common
FC903 SANYO-FC903 Datasheet
21Kb / 2P
High-Speed Switching Composite Diode
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
Silicon Switching Diode (For high speed switching applications)
logo
Infineon Technologies A...
BAV99E6327 INFINEON-BAV99E6327 Datasheet
171Kb / 13P
For high-speed switching applications
2007-09-19
BAV99S-E6327 INFINEON-BAV99S-E6327 Datasheet
171Kb / 13P
For high-speed switching applications
2007-09-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com