Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CVTARLD Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTARLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTARLD Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PPC8572CVTARLD Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572CVTARLD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
5
Overview
– Fast pattern database compilation and fast incremental updates
– 16000 patterns, each up to 128 bytes in length
– Patterns can be split into 256 sets, each of which can contain 16 subsets
— Stateful rule engine enables hardware execution of state-aware logic when a pattern is found
– Useful for contextual searches, multi-pattern signatures, or for performing additional checks
after a pattern is found
– Capable of capturing and utilizing data from the data stream (such as LENGTH field) and
using that information in subsequent pattern searches (for example, positive match only if
pattern is detected within the number of bytes specified in the LENGTH field)
– 8192 stateful rules
— Deflate engine
– Supports decompression of DEFLATE compression format including zlib and gzip
– Can work independently or in conjunction with the Pattern Matching Engine (that is
decompressed data can be passed directly to the Pattern Matching Engine without further
software involvement or memory copying)
•
Two Table Lookup Units (TLU)
— Hardware-based lookup engine offloads table searches from e500 cores
— Longest prefix match, exact match, chained hash, and flat data table formats
— Up to 32 tables, with each table up to 16M entries
— 32-, 64-, 96-, or 128-bit keys
•Two I2C controllers
— Two-wire interface
— Multiple master support
— Master or slave I2C mode support
— On-chip digital filtering rejects spikes on the bus
•
Boot sequencer
— Optionally loads configuration data from serial ROM at reset the I2C interface
— Can be used to initialize configuration registers and/or memory
— Supports extended I2C addressing mode
— Data integrity checked with preamble signature and CRC
•
DUART
— Two 4-wire interfaces (SIN, SOUT, RTS, CTS)
— Programming model compatible with the original 16450 UART and the PC16550D
•
Enhanced local bus controller (eLBC)
— Multiplexed 32-bit address and data bus operating at up to 150-MHz
— Eight chip selects support eight external slaves
— Up to eight-beat burst transfers
— The 32-, 16-, and 8-bit port sizes are controlled by an on-chip memory controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com