| Electronic Components Datasheet Search |
|
MPC8572CPXAVNB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8572CPXAVNB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 140 page ![]() MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4 4 Freescale Semiconductor Overview — Interrupts can be routed to the e500 core’s standard or critical interrupt inputs. — Interrupt summary registers allow fast identification of interrupt source. • Integrated security engine (SEC) optimized to process all the algorithms associated with IPSec, IKE, SSL/TLS, SRTP, 802.16e, and 3GPP — Four crypto-channels, each supporting multi-command descriptor chains – Dynamic assignment of crypto-execution units through an integrated controller – Buffer size of 256 bytes for each execution unit, with flow control for large data sizes — PKEU—public key execution unit – RSA and Diffie-Hellman; programmable field size up to 4096 bits – Elliptic curve cryptography with F2m and F(p) modes and programmable field size up to 1023 bits — DEU—Data Encryption Standard execution unit – DES, 3DES – Two key (K1, K2, K1) or three key (K1, K2, K3) – ECB, CBC and OFB-64 modes for both DES and 3DES — AESU—Advanced Encryption Standard unit – Implements the Rijndael symmetric key cipher – ECB, CBC, CTR, CCM, GCM, CMAC, OFB-128, CFB-128, and LRW modes – 128-, 192-, and 256-bit key lengths — AFEU—ARC four execution unit – Implements a stream cipher compatible with the RC4 algorithm – 40- to 128-bit programmable key — MDEU—message digest execution unit – SHA-1 with 160-bit message digest – SHA-2 (SHA-256, SHA-384, SHA-512) – MD5 with 128-bit message digest – HMAC with all algorithms — KEU—Kasumi execution unit – Implements F8 algorithm for encryption and F9 algorithm for integrity checking – Also supports A5/3 and GEA-3 algorithms — RNG—random number generator — XOR engine for parity checking in RAID storage applications — CRC execution unit – CRC-32 and CRC-32C • Pattern Matching Engine with DEFLATE decompression — Regular expression (regex) pattern matching – Built-in case insensitivity, wildcard support, no pattern explosion – Cross-packet pattern detection |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |