Electronic Components Datasheet Search
  English  ▼

X  

FC810 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC810
Description  15V, 700mA Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC810 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC810 Datasheet HTML 1Page - Sanyo Semicon Device FC810 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22898HA (KT)/90696GI (KOTO) BX-0240 No.4516-1/2
FC810
Ordering number :EN4516A
15V, 700mA Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Silicon Barrier Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
5
1
=5
1V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
0
7
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
.
7
=
0
2A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
e
t
r
e
t
n
IC
VR
z
H
M
1
=
f
,
V
0
1
=0
2F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
,
A
m
0
0
1
=
0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T)
a
-
j
(
h
t
R
0
6
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
5
1V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
7
1V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
0
7A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
5A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
–
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C (Value per element)
Package Dimensions
unit:mm
1236A
[FC810]
1:Cathode
2:Cathode
3:Anode
4:No Contact
5:Anode
SANYO:CP5
· Marking:810
Electrical Characteristics at Ta = 25˚C (Value per element)
trr Test Circuit
Electrical Connection
˚C
˚C
˚C/W
Features
· Low forward voltage (VF max=0.55V) .
· Fast reverse recorvery time (trr max=10ns) .
· Composite type with 2 diodes contained in the CP
package currently in use, saving the mounting space
greatly.
· The FC810 is formed with two chips, each being
equivalent to the SB07-015C, placed in one package.
1:Cathode
2:Cathode
3:Anode
4:No Contact
5:Anode


Similar Part No. - FC810

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
FC8130-08FJ04NRR FS-FC8130-08FJ04NRR Datasheet
1Mb / 16P
Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
FC8130-08VI05NRR FS-FC8130-08VI05NRR Datasheet
1Mb / 16P
Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
FC8130-08VJ04NRR FS-FC8130-08VJ04NRR Datasheet
1Mb / 16P
Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
FC8130-08VN05NRR FS-FC8130-08VN05NRR Datasheet
1Mb / 16P
Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
More results

Similar Description - FC810

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB07-015C SANYO-SB07-015C Datasheet
51Kb / 2P
15V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
30V, 700mA Rectifier
SB07-03N SANYO-SB07-03N Datasheet
107Kb / 2P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P Datasheet
59Kb / 2P
30V, 700mA Rectifier
SB07W03P SANYO-SB07W03P Datasheet
54Kb / 2P
30V, 700mA Rectifier
SB07W03V SANYO-SB07W03V Datasheet
93Kb / 2P
30V, 700mA Rectifier
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB07-03C SANYO-SB07-03C_07 Datasheet
64Kb / 3P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_04 Datasheet
31Kb / 3P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_12 Datasheet
425Kb / 6P
30V, 700mA Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com