Electronic Components Datasheet Search
  English  ▼

X  

UM-5MJ Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # UM-5MJ
Description  Metal packaged SMD Crystal Wide frequency range: 8 to 250 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

UM-5MJ Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  UM-5MJ Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UM-4, UM-5, UM-1 MJ
Metal packaged SMD Crystal
2002/95/EC RoHS compliant
03 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecommunications, audio, navigation, instruments
High frequency accuracy in stability and aging
Wide frequency range: 8 to 250 MHz
Reflow solder able
Parameter
Specification
Frequency range
8 ~ 80 MHz
fundamental
30 ~ 180 MHz
3
rd overtone
80 ~ 250 MHz
5
th overtone
Mode of oscillation
AT cut
3
rd & 5th overtone
Standard frequencies
10.00, 10.368, 15.36, 20.48, 20.945, 80.00, 100.00
125.00, 155.52 & 180.00 MHz
Frequency tolerance
±5 ~ ±20 ppm
@ +25 °C
Frequency stability
±5 ~ ±20 ppm
vs. operating temperature range
Aging
<
±1 ppm
1
st year
Load capacitance
series or parallel resonance (CL = 8 ~ 32 pF)
Equivalent series resistance (ESR)
< 20
Ω
@ 10 MHz
< 12
Ω
@ 32 MHz
Drive level
10 ~ 100
μW
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
-40 ~ +125 °C
automotive & avionic application
Storage temperature range
-55 ~ +125 °C
Packaging unit
tape & reel
500 or 1’000 pieces
Customer specifications on request
Example for soldering pattern
Do not design any conductive path between the pattern
Type
A
B
L
UM-1 MJ
8.0
12.0
10.8
UM-5 MJ
6.0
10.0
8.8
UM-4 MJ
4.4
8.4
7.2
[mm]
Example for IR reflow soldering temperature


Similar Part No. - UM-5MJ

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
UM-5MJSLIM QUARTZCOM-UM-5MJSLIM Datasheet
101Kb / 1P
Metal packaged SMD Crystal Wide frequency range: 8 to 250 MHz
More results

Similar Description - UM-5MJ

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FH-33H EPSONTOYOCOM-FH-33H Datasheet
355Kb / 2P
MHz RANGE CRYSTAL UNIT High Frequency SMD
logo
QUARTZCOM the communica...
HC-51U QUARTZCOM-HC-51U Datasheet
94Kb / 1P
Metal packaged low frequency Crystal Low frequency
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-H-4P QUARTZCOM-TXO-SK-H-4P Datasheet
201Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SH-H-4P QUARTZCOM-TXO-SH-H-4P Datasheet
203Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
UM-1MJSLIM QUARTZCOM-UM-1MJSLIM Datasheet
101Kb / 1P
Metal packaged SMD Crystal Wide frequency range: 8 to 250 MHz
UM-1SLIM QUARTZCOM-UM-1SLIM Datasheet
89Kb / 1P
Metal packaged through hole Crystal Wide frequency range: 8 to 250 MHz
VXO-5S-4P QUARTZCOM-VXO-5S-4P Datasheet
103Kb / 1P
Miniature packaged SMD VCXO CMOS Output frequency range 2 MHz to 54 MHz
VXO-5S-6P QUARTZCOM-VXO-5S-6P Datasheet
97Kb / 1P
Miniature packaged SMD VCXO CMOS Output frequency range 2 MHz to 54 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com