Electronic Components Datasheet Search
  English  ▼

X  

FP201 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FP201
Description  High-Frequency Amp, Differential Amp Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP201 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FP201 Datasheet HTML 1Page - Sanyo Semicon Device FP201 Datasheet HTML 2Page - Sanyo Semicon Device FP201 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52098HA (KT)/41594HO (KOTO) BX-0511 No.4697-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
NPN Epitaxial Planar Silicon Composite Transistors
High-Frequency Amp,
Differential Amp Applications
Ordering number:EN4697
FP201
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
3V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
2V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
3V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
3A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
0
6A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
5
7
.
0W
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
1:Base (NPN TR)
2:Collector (NPN TR)
3:Emitter Common
4:Collector (NPN TR)
5:Base (NPN TR)
6:Collector (NPN TR)
7:Collector (NPN TR)
SANYO:PCP5
(Bottom view)
Package Dimensions
unit:mm
2107A
[FP201]
Features
· Composite type with 2 transistors contained in the
PCP package currently in use, improving the mount-
ing efficiency greatly.
· The FP201 is formed with two chips, being equiva-
lent to the 2SC4504, placed in one package.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
Note:The specifications shown above are for each individual transistor.
However, the DC Current Gain Ratio and Base Emitter to Voltage Difference are for the paired transistors.
Marking:201
˚C
˚C
Mounted on ceramic board (250mm2
×0.8mm)
Electrical Characteristics at Ta=25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
2
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
2
=
C 0
=0
.
5A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
m
0
5
=0
60
0
2
h E
F 2V E
C
I
,
V
5
=
C
A
m
0
0
3
=0
2
o
i
t
a
R
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
-
l
a
m
s
(
1
)
e
g
r
a
l
/
l
V E
C
I
,
V
5
=
C
A
m
0
5
=7
.
05
9
.
0
e
c
n
e
r
e
f
f
i
D
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
e
s
a
BV E
B
-
e
g
r
a
l
(
ll
a
m
s
V E
C
I
,
V
5
=
C
A
m
0
0
1
=0
.
35
1V
m
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
5
=
C
A
m
0
5
=2
.
2z
H
G
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
=9
.
2F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Re
r
CV B
C
z
H
M
1
=
f
,
V
0
1
=6
.
2F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
m
0
0
2
=
B
A
m
0
2
=2
.
05
.
0V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC
I
,
A
m
0
0
2
=
B
A
m
0
2
=9
.
02
.
1V
1:Base (NPN TR)
2:Collector (NPN TR)
3:Emitter Common
4:Collector (NPN TR)
5:Base (NPN TR)
6:Collector (NPN TR)
7:Collector (NPN TR)
(Top view)
Mounted on ceramic board (250mm2
×0.8mm) 1unit


Similar Part No. - FP201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FP201 VISHAY-FP201 Datasheet
99Kb / 2P
Hermetic Flat-Pak Resistor Networks
18-Nov-02
FP201 VISHAY-FP201 Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
FP201 VISHAY-FP201 Datasheet
101Kb / 3P
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
16-Mar-17
FP20114121000A VISHAY-FP20114121000A Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
FP20114121000B VISHAY-FP20114121000B Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
More results

Similar Description - FP201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC11 SANYO-FC11 Datasheet
92Kb / 3P
Low-Frequency General-Purpose Amp, Differential Amp Applications
FC119 SANYO-FC119 Datasheet
139Kb / 5P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC120 SANYO-FC120 Datasheet
174Kb / 6P
High-Frequency General-Purpose Amp, Differential Amp Applications
FC152 SANYO-FC152 Datasheet
130Kb / 4P
High-Frequency Amp, Differential Amp Applications
FC156 SANYO-FC156 Datasheet
133Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications?
FC157 SANYO-FC157 Datasheet
147Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications???
FC18 SANYO-FC18 Datasheet
146Kb / 5P
High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
FH102 SANYO-FH102 Datasheet
66Kb / 5P
High-Frequency Low-Noise Amp, Differential Amp Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
High-Frequency Amp, Differential Amp Applications
2SC3066 SANYO-2SC3066 Datasheet
94Kb / 2P
DIFFERENTIAL AMP APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com