Electronic Components Datasheet Search
  English  ▼

X  

FP202 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FP202
Description  Push-Pull Circuit Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP202 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FP202 Datasheet HTML 1Page - Sanyo Semicon Device FP202 Datasheet HTML 2Page - Sanyo Semicon Device FP202 Datasheet HTML 3Page - Sanyo Semicon Device FP202 Datasheet HTML 4Page - Sanyo Semicon Device FP202 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
52098HA (KT)53094TH(KOTO) 8-9784 No.4495-1/5
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PNP/NPN Epitaxial Planar Silicon Transistor
Push-Pull Circuit Applications
Ordering number:EN4495
FP202
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
6
)
–
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5
)
–
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
–
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
5
)
–
(A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
0
8
)
–
(A
m
t
n
e
r
r
u
C
e
s
a
BIB
1
.
0
)
–
(A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
5
7
.
0W
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
1:Base (PNP TR)
2,7:Collector (PNP TR)
3:Emitter Common
4,6:Collector (NPN TR)
5:Base (NPN TR)
SANYO:PCP5
(Bottom view)
Package Dimensions
unit:mm
2097A
[FP202]
Features
· Composite type with 2 transistors (PNP and NPN)
contained in one package facilitating high-density
mounting.
· The FP202 is formed with a chip being equivalent to
the 2SA1338 and a chip being equivalent to the
2SC3392, placed in one package.
˚C
˚C
Mounted on ceramic board (250mm2
×0.8mm) 1unit
Mounted on ceramic board (250mm2
×0.8mm)
Marking:202
Electrical Connection
1:Base (PNP TR)
2,7:Collector (PNP TR)
3:Emitter Common
4,7:Collector (NPN TR)
5:Base (NPN TR)
(Top view)
Continued on next page.
Switching Time Test Circuit
( ) : PNP


Similar Part No. - FP202

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FP202 VISHAY-FP202 Datasheet
99Kb / 2P
Hermetic Flat-Pak Resistor Networks
18-Nov-02
FP202 VISHAY-FP202 Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
FP202 VISHAY-FP202 Datasheet
101Kb / 3P
Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
16-Mar-17
FP20214131000A VISHAY-FP20214131000A Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
FP20214131000B VISHAY-FP20214131000B Datasheet
223Kb / 3P
Hermetic Flat-Pak Resistor Networks
05-Mar-08
More results

Similar Description - FP202

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP204 SANYO-FP204 Datasheet
149Kb / 4P
Push-Pull Circuit Applications
FP205 SANYO-FP205 Datasheet
144Kb / 4P
Push-Pull Circuit Applications
FP206 SANYO-FP206 Datasheet
151Kb / 4P
Push-Pull Circuit Applications
FP207 SANYO-FP207 Datasheet
51Kb / 5P
Push-Pull Circuit Applications
CPH6528 SANYO-CPH6528 Datasheet
49Kb / 5P
PNP/NPN Epitaxial Planar Silicon Transistor Push-Pull Circuit Applications
CPH5541 SANYO-CPH5541 Datasheet
52Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistor Push-Pull Circuit Applications
MCH6536 SANYO-MCH6536_08 Datasheet
70Kb / 5P
Push-Pull Circuit Applications
MCH6542 SANYO-MCH6542 Datasheet
86Kb / 5P
Push-Pull Circuit Applications
MCH6545 SANYO-MCH6545 Datasheet
91Kb / 5P
Push-Pull Circuit Applications
logo
Littelfuse
5007 LITTELFUSE-5007 Datasheet
502Kb / 1P
ONE CIRCUIT PUSH PULL SWITCHES
2019 Rev: 021219
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com