Electronic Components Datasheet Search
  English  ▼

X  

FP204 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FP204
Description  Push-Pull Circuit Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP204 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FP204 Datasheet HTML 1Page - Sanyo Semicon Device FP204 Datasheet HTML 2Page - Sanyo Semicon Device FP204 Datasheet HTML 3Page - Sanyo Semicon Device FP204 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52098HA (KT)/82494MT (KOTO) A8-9699 No.4493-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PNP/NPN Epitaxial Planar Silicon Transistors
Push-Pull Circuit Applications
Ordering number:EN4493
FP204
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2097A
[FP204]
Features
· Composite type with a PNP transistor and an NPN
transistor in one package, facilitating high-density
mounting.
· The FP204 is composed of 2 chips, one being
equivalent to the 2SB1123 and 2SD1623, which are
placed in one package.
Electrical Connection
Marking:204
Electrical Characteristics at Ta=25˚C
1:Base
2:Collector
3:Emitter Common
4:Collector
5:Base
6:Collector
7:Collector
SANYO:PCP5
(Bottom view)
1:Base
2:Collector
3:Emitter Common
4:Collector
5:Base
6:Collector
7:Collector
(Top view)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
5
)
–
(
=
E 0
=0
0
1
)
–
(A
n
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
–
(
=
C 0
=0
0
1
)
–
(A
n
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
2
)
–
(
=
C
A
m
0
0
1
)
–
(
=0
4
10
0
4
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
)
–
(
=
C
A
m
0
5
)
–
(
=
0
5
1z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
)
–
(
=
)
2
2
(F
p
2
1F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
0
.
1
)
–
(
=
B
A
m
0
5
)
–
(
=
)
0
5
2
–
()
0
0
5
–
(V
m
0
5
10
0
3V
m
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC
I
,
A
0
.
1
)
–
(
=
B
A
m
0
5
)
–
(
=9
.
0
)
–
(2
.
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
)
–
(
=
E 0
=0
6
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
)
–
(
=
E
B =∞
0
5
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
)
–
(
=
C 0
=6
)
–
(V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
6s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
)
0
5
4
(
0
5
5
s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
3s
n
( ) : PNP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
6
)
–
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5
)
–
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6
)
–
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
2
)
–
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
4
)
–
(A
t
n
e
r
r
u
C
e
s
a
BIB
4
.
0
)
–
(A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
8
.
0W
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
1
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
˚C
Mounted on ceramic board (250mm2
×0.8mm) 1unit
˚C
Mounted on ceramic board (250mm2
×0.8mm)


Similar Part No. - FP204

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FP204G FORMOSA-FP204G Datasheet
33Kb / 2P
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FP204

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP202 SANYO-FP202 Datasheet
154Kb / 5P
Push-Pull Circuit Applications
FP205 SANYO-FP205 Datasheet
144Kb / 4P
Push-Pull Circuit Applications
FP206 SANYO-FP206 Datasheet
151Kb / 4P
Push-Pull Circuit Applications
FP207 SANYO-FP207 Datasheet
51Kb / 5P
Push-Pull Circuit Applications
CPH6528 SANYO-CPH6528 Datasheet
49Kb / 5P
PNP/NPN Epitaxial Planar Silicon Transistor Push-Pull Circuit Applications
CPH5541 SANYO-CPH5541 Datasheet
52Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistor Push-Pull Circuit Applications
MCH6536 SANYO-MCH6536_08 Datasheet
70Kb / 5P
Push-Pull Circuit Applications
MCH6542 SANYO-MCH6542 Datasheet
86Kb / 5P
Push-Pull Circuit Applications
MCH6545 SANYO-MCH6545 Datasheet
91Kb / 5P
Push-Pull Circuit Applications
logo
Littelfuse
5007 LITTELFUSE-5007 Datasheet
502Kb / 1P
ONE CIRCUIT PUSH PULL SWITCHES
2019 Rev: 021219
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com