Electronic Components Datasheet Search
  English  ▼

X  

FP208 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FP208
Description  PNP Epitaxial Planar Silicon Transistor Driver Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP208 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FP208 Datasheet HTML 1Page - Sanyo Semicon Device FP208 Datasheet HTML 2Page - Sanyo Semicon Device FP208 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52098HA (KT)/90794MT BX-1387/53094TH (KOTO) BX-0215 No.4535-1/3
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PNP Epitaxial Planar Silicon Transistor
Driver Applications
Ordering number:EN4535A
FP208
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2097B
[FP208]
Features
· Composite type with 2 PNP transistors in one
package, facilitating high-density mounting.
· The FP208 is composed of 2 chips each equivalent
to the 2SB1121.
Electrical Connection
Marking:208
˚C
Mounted on ceramic board (250mm2
×0.8mm) 1unit
˚C
Electrical Characteristics at Ta=25˚C
Mounted on ceramic board (250mm2
×0.8mm)
1:Base 1
2:Collector 1
3:Emitter Common
4:Collector 2
5:Base 2
6:Collector 2
7:Collector 1
SANYO:PCP5
(Bottom view)
1:Base 1
2:Collector 1
3:Emitter Common
4:Collector 2
5:Base 2
6:Collector 2
7:Collector 1
(Top view)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
3
–V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
2
–V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6
–V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
2
–A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
5
–A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
8
.
0W
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
1
.
1W
t
n
e
r
r
u
C
e
s
a
BIB
0
0
4
–A
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
2
–
=
E 0
=0
0
1
–A
n
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
–
=
C 0
=0
0
1
–A
n
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
2
–
=
C
A
m
0
0
1
–
=0
4
10
0
4
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
–
=
C
A
m
0
5
–
=
0
5
1z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
–
=
2
3F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
5
.
1
–
=
B
A
m
5
7
–
=
5
3
.
0
–6
.
0
–V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC
I
,
A
5
.
1
–
=
B
A
m
5
7
–
=5
8
.
0
–2
.
1
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
–
=
E 0
=0
3
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
–
=
E
B =∞
5
2
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
–
=
C 0
=6
–V
e
m
i
T
N
O
-
n
r
u
Tt n
o
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
6s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
5
3s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
2s
n


Similar Part No. - FP208

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP20-1200 TRIAD-FP20-1200 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP20-125 TRIAD-FP20-125 Datasheet
44Kb / 1P
FP20-125
FP20-125 TRIAD-FP20-125_13 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP20-2400 TRIAD-FP20-2400 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP20-300 TRIAD-FP20-300 Datasheet
43Kb / 1P
FP20-300
More results

Similar Description - FP208

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC105 SANYO-FC105 Datasheet
43Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor (Switching Applications)
FC113 SANYO-FC113 Datasheet
53Kb / 2P
PNP Epitaxial Planar Silicon Composite Transistor Switching Applications
FP209 SANYO-FP209 Datasheet
95Kb / 3P
NPN Epitaxial Planar Silicon Transistor Driver Applications
FP210 SANYO-FP210 Datasheet
98Kb / 3P
NPN Epitaxial Planar Silicon Transistor Driver Applications
FP211 SANYO-FP211 Datasheet
95Kb / 3P
NPN Epitaxial Planar Silicon Transistor Driver Applications
FP213 SANYO-FP213 Datasheet
88Kb / 3P
PNP Epitaxial Planar Silicon Transistor Motor Driver Applications
2SB1737 SANYO-2SB1737 Datasheet
35Kb / 3P
PNP Epitaxial Planar Silicon Darlington Transistor Driver Applications
2SB1664 SANYO-2SB1664 Datasheet
43Kb / 4P
PNP Epitaxial Planar Silicon Darlington Transistor Driver Applications
ECH8504 SANYO-ECH8504 Datasheet
298Kb / 4P
PNP Epitaxial Planar Silicon Transistor Motor Drive Applications
ECH8505 SANYO-ECH8505 Datasheet
297Kb / 4P
PNP Epitaxial Planar Silicon Transistor Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com