Electronic Components Datasheet Search
  English  ▼

X  

LM22670 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM22670
Description  3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22670 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM22670 Datasheet HTML 8Page - National Semiconductor (TI) LM22670 Datasheet HTML 9Page - National Semiconductor (TI) LM22670 Datasheet HTML 10Page - National Semiconductor (TI) LM22670 Datasheet HTML 11Page - National Semiconductor (TI) LM22670 Datasheet HTML 12Page - National Semiconductor (TI) LM22670 Datasheet HTML 13Page - National Semiconductor (TI) LM22670 Datasheet HTML 14Page - National Semiconductor (TI) LM22670 Datasheet HTML 15Page - National Semiconductor (TI) LM22670 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application Information
EXTERNAL COMPONENTS
The following design procedures can be used to design a non-
synchronous buck converter with the LM22670.
Inductor
The inductor value is determined based on the load current,
ripple current, and the minimum and maximum input voltage.
To keep the application in continuous current conduction
mode (CCM), the maximum ripple current, I
RIPPLE , should be
less than twice the minimum load current.
The general rule of keeping the inductor current peak-to-peak
ripple around 30% of the nominal output current is a good
compromise between excessive output voltage ripple and ex-
cessive component size and cost. When selecting the induc-
tor ripple current ensure that the peak current is below the
minimum current limit as given in the Electrical Characteris-
tics section. Using this value of ripple current, the value of
inductor, L, is calculated using the following formula:
where F is the switching frequency which is 500 kHz without
an external frequency set resistor or external sync signal ap-
plied to the RT/SYNC pin. If the switching frequency is set
higher than 500kHz, the inductance value may not be reduced
accordingly due to stability requirements. The internal com-
pensation is optimized for circuits with a 500 kHz switching
frequency. See the internal compensation section for more
details. This procedure provides a guide to select the value of
the inductor L. The nearest standard value will then be used
in the circuit.
Increasing the inductance will generally slow down the tran-
sient response but reduce the output voltage ripple amplitude.
Reducing the inductance will generally improve the transient
response but increase the output voltage ripple.
The inductor must be rated for the peak current, I
PK+, to pre-
vent saturation. During normal loading conditions, the peak
current occurs at maximum load current plus maximum ripple.
Under an overload condition as well as during load transients,
the peak current is limited to 4.2A typical (5.5A maximum).
This requires that the inductor be selected such that it can run
at the maximum current limit and not only the steady state
current.
Depending on inductor manufacturer, the saturation rating is
defined as the current necessary for the inductance to reduce
by 30% at 20°C. In typical designs the inductor will run at
higher temperatures. If the inductor is not rated for enough
current, it might saturate and due to the propagation delay of
the current limit circuitry, the power supply may get damaged.
Input Capacitor
Good quality input capacitors are necessary to limit the ripple
voltage at the VIN pin while supplying most of the switch cur-
rent during on-time. When the switch turns on, the current into
the VIN pin steps to the peak value, then drops to zero at turn-
off. The average current into VIN during switch on-time is the
load current. The input capacitance should be selected for
RMS current, I
RMS, and minimum ripple voltage. A good ap-
proximation for the required ripple current rating necessary is
I
RMS > IOUT / 2.
Quality ceramic capacitors with a low ESR should be selected
for the input filter. To allow for capacitor tolerances and volt-
age effects, multiple capacitors may be used in parallel. If step
input voltage transients are expected near the maximum rat-
ing of the LM22670, a careful evaluation of ringing and pos-
sible voltage spikes at the VIN pin should be completed. An
additional damping network or input voltage clamp may be
required in these cases.
Usually putting a higher ESR electrolytic input capacitor in
parallel to the low ESR bypass capacitor will help to reduce
excessive voltages during a line transient and will also move
the resonance frequency of the input filter away from the reg-
ulator bandwidth.
Output Capacitor
The output capacitor can limit the output ripple voltage and
provide a source of charge for transient loading conditions.
Multiple capacitors can be placed in parallel. Very low ESR
capacitors such as ceramic capacitors reduce the output rip-
ple voltage and noise spikes, while higher value capacitors in
parallel provide large bulk capacitance for transient loading
and unloading. Therefore, a combination of parallel capaci-
tors, a single low ESR SP or Poscap capacitor, or a high value
of ceramic capacitor provides the best overall performance.
Output capacitor selection depends on application conditions
as well as ripple and transient requirements. Typically a value
of at least 100 µF is recommended. An approximation for the
output voltage ripple is:
In applications with Vout less than 3.3V, where input voltage
may fall below the operating minimum of 4.5V, it is critical that
low ESR output capacitors are selected. This will limit poten-
tial output voltage overshoots as the input voltage falls below
device normal operation range.
If the switching frequency is set higher than 500 kHz, the ca-
pacitance value may not be reduced accordingly due to sta-
bility requirements. The internal compensation is optimized
for circuits with a 500 kHz switching frequency. See the in-
ternal compensation section for more details.
Cboot Capacitor
The bootstrap capacitor between the BOOT pin and the SW
pin supplies the gate current to turn on the N-channel MOS-
FET. The recommended value of this capacitor is 10 nF and
should be a good quality, low ESR ceramic capacitor.
It is possible to put a small resistor in series with the Cboot
capacitor to slow down the turn-on transition time of the in-
ternal N-channel MOSFET. Resistors in the range of 10
Ω to
50
Ω can slow down the transition time. This can reduce EMI
of a switched mode power supply circuit. Using such a series
resistor is not recommended for every design since it will in-
crease the switching losses of the application and makes
thermal considerations more challenging.
Resistor Divider
For the -5.0 option no resistor divider is required for 5V output
voltage. The output voltage should be directly connected to
the FB pin. Output voltages above 5V can use the -5.0 option
with a resistor divider as an alternative to the -ADJ option.
This may offer improved loop bandwidth in some applications.
See the Internal Compensation section for more details.
For the -ADJ option no resistor divider is required for 1.285V
output voltage. The output voltage should be directly con-
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com