Electronic Components Datasheet Search
  English  ▼

X  

LM22677Q Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM22677Q
Description  5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22677Q Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM22677Q Datasheet HTML 1Page - National Semiconductor (TI) LM22677Q Datasheet HTML 2Page - National Semiconductor (TI) LM22677Q Datasheet HTML 3Page - National Semiconductor (TI) LM22677Q Datasheet HTML 4Page - National Semiconductor (TI) LM22677Q Datasheet HTML 5Page - National Semiconductor (TI) LM22677Q Datasheet HTML 6Page - National Semiconductor (TI) LM22677Q Datasheet HTML 7Page - National Semiconductor (TI) LM22677Q Datasheet HTML 8Page - National Semiconductor (TI) LM22677Q Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM22677/LM22677Q
December 10, 2010
5A SIMPLE SWITCHER®, Step-Down Voltage Regulator
with Synchronization or Adjustable Switching Frequency
General Description
The LM22677 series of regulators are monolithic integrated
circuits which provide all of the active functions for a step-
down (buck) switching regulator capable of driving up to 5A
loads with excellent line and load regulation characteristics.
High efficiency (>90%) is obtained through the use of a low
ON-resistance N-channel MOSFET. The series consists of a
fixed 5V output and an adjustable version.
The SIMPLE SWITCHER® concept provides for an easy to
use complete design using a minimum number of external
components
and
National’s
WEBENCH®
design
tool.
National’s WEBENCH® tool includes features such as exter-
nal component calculation, electrical simulation, thermal sim-
ulation, and Build-It boards for easy design-in. The switching
clock frequency is provided by an internal fixed frequency os-
cillator which operates at 500 kHz. The switching frequency
can also be adjusted with an external resistor or synchronized
to an external clock up to 1MHz. It is also possible to self-
synchronize multiple regulators to share the same switching
frequency. The LM22677 series also has built in thermal shut-
down, current limiting and an enable control input that can
power down the regulator to a low 25 µA quiescent current
standby condition.
Features
■ Wide input voltage range: 4.5V to 42V
■ Internally compensated voltage mode control
■ Stable with low ESR ceramic capacitors
■ 100 mΩ N-channel MOSFET
■ Output voltage options:
-ADJ (outputs as low as 1.285V)
-5.0 (output fixed to 5V)
■ ±1.5% feedback reference accuracy
■ Switching frequency of 500 kHz, adjustable between 200
kHz and 1 MHz
■ -40°C to 125°C operating junction temperature range
■ Precision enable pin
■ Integrated boot diode
■ Integrated soft-start
■ Fully WEBENCH® enabled
■ Step-down and inverting buck-boost applications
■ LM22677Q is an Automotive Grade product that is AEC-
Q100 grade 1 qualified (-40°C to +125°C operating
junction temperature)
Package
■ TO-263 THIN (Exposed Pad)
Applications
■ Industrial Control
■ Telecom and Datacom Systems
■ Embedded Systems
■ Automotive Telematics and Body Electronics
■ Conversions from Standard 24V, 12V and 5V Input Rails
Simplified Application Schematic
30074101
© 2010 National Semiconductor Corporation
300741
www.national.com


Similar Part No. - LM22677Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM22677QTJ-ADJ/NOPB TI-LM22677QTJ-ADJ/NOPB Datasheet
1Mb / 28P
LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22677QTJE-5.0/NOPB TI-LM22677QTJE-5.0/NOPB Datasheet
1Mb / 28P
LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22677QTJE-ADJ/NOPB TI-LM22677QTJE-ADJ/NOPB Datasheet
1Mb / 28P
LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
More results

Similar Description - LM22677Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22678 NSC-LM22678 Datasheet
540Kb / 16P
5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
LM22679 NSC-LM22679 Datasheet
386Kb / 16P
5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Adjustable Soft-Start and Current Limit
LM22670Q NSC-LM22670Q Datasheet
525Kb / 20P
3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2679 TI-LM2679_15 Datasheet
1Mb / 35P
LM2679 SIMPLE SWITCHER짰 5A Step-Down Voltage Regulator with Adjustable Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com