Electronic Components Datasheet Search
  English  ▼

X  

VX6 Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VX6
Description  Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VX6 Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VX6 Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VX6-
Thru-hole VCXO
HCMOS / TTL
2002/95/EC RoHS compliant
04 Apr. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: telecommunications, instrumentation, automotive
Hermetic sealed metal package, DIL 8/4 pin
Frequency up to 180 MHz
High shock and vibration resistant
Specification
Parameter
VX6-3XXH
VX6-5XXH
Frequency range
1 ~ 180 MHz
Standard frequencies
16.00, 16.384, 20.00, 24.576, 32.00, 40.00 & 48.0 MHz
Supply voltage
+3.3 V
5 %
+5.0 V
5 %
Supply current
5 ~ 50 mA
5 ~ 40 mA
Frequency stability (*)
±25 ppm
-20 ~ +70 °C
±50 ppm
-40 ~ +85 °C
Output signal
HCMOS / TTL compatible
Output level
VOH  0.9 Vdc
VOL  0.1 Vdc
VOH  0.9 Vdc
VOL  0.1 Vdc
Output load
15 pF / 10 TTL
15 ~ 50 pF / 10 TTL
Symmetry
45 ~ 55 %
@ ½ Vdc
Rise / fall time
3 ~ 8 ns
+1.65
1.35 V
+2.5
2.0 V
50 ~ 200 ppm
Operating temperature range
-20 ~ +70 °C
standard application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tube
40 pieces
(*) All inclusive:
frequency stability vs. temperature, tolerance, aging, supply & load variation, on request
Customer specifications on request
Pin function
# 1
Vc Voltage control
# 4
GND
# 5
Output
# 8
Vdc
Do not design any conductive path between the pattern
Environmental & mechanical specification
Shock
Vibration
Solder ability
Seal integrity
MIL-STD-883C, Method 2002, Con B
MIL-STD-883C, Method 2007, Con A
MIL-STD-883C, Method 2003
MIL-STD-883C, Method 2014, Con C&A2
Moister sensitivity level:
1


Similar Part No. - VX6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VX60100C VISHAY-VX60100C Datasheet
130Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.35 V at IF = 5.0 A
09-Sep-2020
VX60100PW VISHAY-VX60100PW Datasheet
133Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.35 V at IF = 5.0 A
22-Sep-2020
logo
Kontron
VX6011-S KONTRON-VX6011-S Datasheet
975Kb / 4P
11th Gen Intel® Core™ processor for AI*, CVGIP*, DSP* workloads
logo
Vishay Siliconix
VX60120C VISHAY-VX60120C Datasheet
132Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.39 V at IF = 5.0 A
28-Oct-2020
VX60170PW VISHAY-VX60170PW Datasheet
128Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.47 V at IF = 5.0 A
26-Oct-2020
More results

Similar Description - VX6

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
VCXO-DLF FOX-VCXO-DLF Datasheet
144Kb / 1P
3.3V, HCMOS, Thru-Hole VCXO
logo
QUARTZCOM the communica...
MCO-2S QUARTZCOM-MCO-2S Datasheet
118Kb / 1P
SMD Clock Oscillator HCMOS / TTL High shock and vibration resistant
MCO-1S QUARTZCOM-MCO-1S Datasheet
119Kb / 1P
SMD Clock Oscillator HCMOS / TTL Highly shock and vibration resistant
VXO-3S3-6P QUARTZCOM-VXO-3S3-6P Datasheet
120Kb / 1P
Small SMD VCXO HCMOS Highly shock and vibration resistant
VXO-3S-42P QUARTZCOM-VXO-3S-42P Datasheet
110Kb / 1P
Small SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S-4P QUARTZCOM-VXO-1S-4P Datasheet
119Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
VXO-1S-6P QUARTZCOM-VXO-1S-6P Datasheet
123Kb / 1P
SMD VCXO HCMOS Highly shock and vibration resistant
VX7 QUARTZCOM-VX7 Datasheet
82Kb / 1P
Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
VXO-SM-4J QUARTZCOM-VXO-SM-4J Datasheet
94Kb / 1P
Plastic moulded SMD VCXO HCMOS Highly shock and vibration resistant
logo
PHOENIX CONTACT
OPT-5DC PHOENIX-OPT-5DC Datasheet
75Kb / 4P
Vibration and shock resistant
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com