Electronic Components Datasheet Search
  English  ▼

X  

LMP8640HV Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP8640HV
Description  Precision High Voltage Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8640HV Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMP8640HV Datasheet HTML 4Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 5Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 6Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 7Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 8Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 9Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 10Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 11Page - National Semiconductor (TI) LMP8640HV Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25°C, VS=V
+-V-, V
SENSE= +IN -
(-IN), R
L = 10 MΩ.
Supply Curent vs. Supply Voltage
30071425
Supply Current vs. V
CM
30071426
Supply Current vs. V
CM
30071427
Supply Current vs. V
CM
30071428
CMRR vs. V
CM (Gain 20V/V)
30071422
CMRR vs. V
CM (Gain 50V/V)
30071423
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com