Electronic Components Datasheet Search
  English  ▼

X  

FP212 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FP212
Description  High-Voltage Driver Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP212 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FP212 Datasheet HTML 1Page - Sanyo Semicon Device FP212 Datasheet HTML 2Page - Sanyo Semicon Device FP212 Datasheet HTML 3Page - Sanyo Semicon Device FP212 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52098HA (KT)/82494MT (KOTO) A8-9729 No.4497-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
PNP/NPN Epitaxial Planar Silicon Transistors
High-Voltage Driver Applications
Ordering number:EN4497
FP212
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
2
)
–
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
2
)
–
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
–
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
0
0
1
)
–
(A
m
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
0
0
2
)
–
(A
m
t
n
e
r
r
u
C
e
s
a
BIB
0
1
)
–
(A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
5
7
.
0W
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
0
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2097A
[FP212]
Features
· Composite type with a PNP transistor and an NPN
transistor, in one package, facilitating high-density
mounting.
· The FP212 is composed of 2 chips, one being
equivalent to the 2SA1370 and the other the
2SC3467, placed in one package.
Electrical Connection
Marking:212
˚C
Mounted on ceramic board (250mm2
×0.8mm) 1 unit
˚C
Electrical Characteristics at Ta=25˚C
Mounted on ceramic board (250mm2
×0.8mm)
1:Base
2:Collector
3:Emitter Common
4:Collector
5:Base
6:Collector
7:Collector
SANYO:PCP5
(Bottom view)
1:Base
2:Collector
3:Emitter Common
4:Collector
5:Base
6:Collector
7:Collector
(Top view)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
5
1
)
–
(
=
E 0
=0
0
1
)
–
(A
n
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
–
(
=
C 0
=0
0
1
)
–
(A
n
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
0
1
)
–
(
=
C
A
m
0
1
)
–
(
=0
60
0
2
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
3
)
–
(
=
C
A
m
0
1
)
–
(
=
0
5
1z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
3
)
–
(
=)
6
.
2
(
7
.
1
F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Re
r
CV B
C
z
H
M
1
=
f
,
V
0
3
)
–
(
=)
7
.
1
(
2
.
1
F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC=m
0
2
)
–
(I
,
A B=2
)
–
(A
m
6
.
0
)
–
(V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC=m
0
2
)
–
(I
,
A B=2
)
–
(A
m0
.
1
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC=)
–
(I
,
A
µ
0
1
E 0
=0
0
2
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC=)
–
(R
,
A
m
1
E
B =∞
0
0
2
)
–
(V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
EV
O
B
E
)
R
B
(
IE=)
–
(I
,
A
µ
0
1
C 0
=5
)
–
(V


Similar Part No. - FP212

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
Differential Magnetoresistive Sensor
FP212L100-22 SIEMENS-FP212L100-22 Datasheet
217Kb / 5P
Differential Magnetoresistive Sensor
More results

Similar Description - FP212

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1700 SANYO-2SA1700 Datasheet
78Kb / 3P
High-Voltage Driver Applications
2SA1772 SANYO-2SA1772 Datasheet
125Kb / 4P
High Voltage Driver Applications??????????
2SA1785 SANYO-2SA1785 Datasheet
121Kb / 4P
High Voltage Driver Applications????????????
2SA1786 SANYO-2SA1786 Datasheet
121Kb / 4P
High Voltage Driver Applications????????????
2SC2857 SANYO-2SC2857 Datasheet
74Kb / 3P
High-Voltage Driver Applications
2SC4002 SANYO-2SC4002 Datasheet
73Kb / 3P
High-Voltage Driver Applications???
logo
Guangdong Kexin Industr...
2SA1740 KEXIN-2SA1740 Datasheet
364Kb / 3P
High-Voltage Driver Applications
2SC4548 KEXIN-2SC4548 Datasheet
361Kb / 3P
High-Voltage Driver Applications
logo
ON Semiconductor
SOP8501 ONSEMI-SOP8501 Datasheet
110Kb / 5P
High-Voltage Driver Applications
Jan-2011, Rev. 0
2SA1699 ONSEMI-2SA1699 Datasheet
89Kb / 3P
High-Voltage Driver Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com