Electronic Components Datasheet Search
  English  ▼

X  

LMV7231 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7231
Description  Hex Window Comparator with 1.5 Precision and 400mV Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7231 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV7231 Datasheet HTML 1Page - National Semiconductor (TI) LMV7231 Datasheet HTML 2Page - National Semiconductor (TI) LMV7231 Datasheet HTML 3Page - National Semiconductor (TI) LMV7231 Datasheet HTML 4Page - National Semiconductor (TI) LMV7231 Datasheet HTML 5Page - National Semiconductor (TI) LMV7231 Datasheet HTML 6Page - National Semiconductor (TI) LMV7231 Datasheet HTML 7Page - National Semiconductor (TI) LMV7231 Datasheet HTML 8Page - National Semiconductor (TI) LMV7231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMV7231
September 8, 2010
Hex Window Comparator with 1.5% Precision and 400mV
Reference
General Description
The LMV7231 is a 1.5% accurate Hex Window Comparator
which can be used to monitor power supply voltages. The
device uses an internal 400mV reference for the comparator
trip value. The comparator set points can be set via external
resistor dividers. The LMV7231 has 6 outputs (CO1-CO6)
that signal an under-voltage or over-voltage event for each
power supply input. An output (AO) is also provided to signal
when any of the power supply inputs have an over-voltage or
under-voltage event. This ability to signal an under-voltage or
over-voltage event for the individual power supply inputs, in
addition to an output to signal such an event on any of the
power supply inputs adds unparalleled system protection ca-
pability.
The LMV7231’s +2.2V to +5.5V power supply voltage range,
low supply current, and input/output voltage range above V+
make it ideal for a wide range of power supply monitoring ap-
plications. Operation is guaranteed over the -40°C to +125°C
temperature range. The device is available in a 24-pin LLP
package.
Features
(For V
S = 3.3V ±10%, Typical unless otherwise noted)
■ High accuracy voltage reference: 400 mV
■ Threshold Accuracy: ±1.5% (max)
■ Wide supply voltage range +2.2V to +5.5V
■ Input/Output voltage range above V+
■ Internal hysteresis: 6mV
■ Propagation delay: 2.6 µs to 5.6 µs
■ Supply Current 7.7 µA per channel
■ 24 lead LLP package
■ Temperature range: -40°C to 125°C
Applications
■ Power Supply Voltage Detection
■ Battery Monitoring
■ Handheld Instruments
■ Relay Driving
■ Industrial Control Systems
© 2010 National Semiconductor Corporation
301149
www.national.com


Similar Part No. - LMV7231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7231 TI1-LMV7231 Datasheet
1Mb / 22P
LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
LMV7231 TI1-LMV7231 Datasheet
1Mb / 26P
Hex Window Comparator With 1.5% Precision and 400-mV Reference
LMV7231SQ TI1-LMV7231SQ Datasheet
1Mb / 26P
Hex Window Comparator With 1.5% Precision and 400-mV Reference
LMV7231SQ/NOPB TI1-LMV7231SQ/NOPB Datasheet
1Mb / 26P
Hex Window Comparator With 1.5% Precision and 400-mV Reference
LMV7231SQE TI1-LMV7231SQE Datasheet
1Mb / 26P
Hex Window Comparator With 1.5% Precision and 400-mV Reference
More results

Similar Description - LMV7231

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP361 AD-ADCMP361 Datasheet
115Kb / 13P
Single Comparator with 400mV Reference and Dual Polarity Outputs
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
logo
Texas Instruments
LMV7231 TI1-LMV7231_14 Datasheet
1Mb / 22P
LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
logo
Texas Instruments
LMV7231 TI-LMV7231_15 Datasheet
1Mb / 21P
LMV7231 Hex Window Comparator with 1.5% Precision and 400mV Reference
LMV7231 TI1-LMV7231_16 Datasheet
1Mb / 26P
Hex Window Comparator With 1.5% Precision and 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com