Electronic Components Datasheet Search
  English  ▼

X  

VT6-104H Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VT6-104H
Description  Through hole VC-TCXO HCMOS High reliable hermetic sealed package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VT6-104H Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VT6-104H Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VT6-104H
Through hole VC-TCXO
HCMOS
2002/95/EC RoHS compliant
02 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: mobile communications, instrumentation,
satellite communication (data & voice)
Frequency range up to 200 MHz
High reliable hermetic sealed package
Low phase noise
Specification
Parameter
VT6-104H3
VT6-104H5
Frequency range
5 ~ 200 MHz
Standard frequencies
10.00, 12.80, 13.00, 16.384, 20.00, 26.00, 38.40 & 40.00 MHz
Frequency stability:
vs. temperature
≤ ±0.5 ~ ±2.5 ppm
vs. supply & load change
≤ ±0.2 ppm
±5 %
vs. aging
≤ ±1.0 ppm
1
st year
Frequency tolerance ex. factory
≤ ±0.5 ppm
@ +25 °C
Short term stability (Allan deviation)
σ 1 s
≤ 5 x 10-10
Supply voltage
+3.3 V
±5 %
+5.0 V
±5 %
Supply current
10 ~ 40 mA
Output signal
HCMOS / TTL compatible
Output level
VOH > 0.9 Vdc
VOL < 0.1 Vdc
Output load
15 pF / 10 TTL
Frequency pulling range
±5 ~ ±40 ppm
Voltage control
+1.65 V
±1.50 V
+2.5 V
±2.0 V
Phase noise @ 20 MHz carrier frequency
-97 dBc/Hz
@
10 Hz
-117 dBc/Hz
@
100 Hz
-140 dBc/Hz
@
1 kHz
-145 dBc/Hz
@
10 kHz
-150 dBc/Hz
@
100 kHz
Operating temperature range
-20 ~ +70 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging units
tape & reel
500 pieces
tray
50 pieces
Customer specifications on request
Pin function
# 1
Vc Voltage control
# 7
GND
# 8
Output
#14
Vdc
Environmental & Mechanical specification
Shock
Vibration
Solderability
Seal integrity
MIL-STD-883C, Method 2002, Con B
MIL-STD-883C, Method 2007, Con A
MIL-STD-883C, Method 2003
MIL-STD-883C, Method 2014, Con C&A2


Similar Part No. - VT6-104H

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT6-104H3 QUARTZCOM-VT6-104H3 Datasheet
97Kb / 1P
Through hole TCXO HCMOS High reliable hermetic sealed package
VT6-104H5 QUARTZCOM-VT6-104H5 Datasheet
97Kb / 1P
Through hole TCXO HCMOS High reliable hermetic sealed package
More results

Similar Description - VT6-104H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA62320CV ETC2-TA62320CV Datasheet
70Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA61 CALIBER-TA61 Datasheet
76Kb / 1P
HCMOS/TTL (VC) TCXO Oscillator
logo
QUARTZCOM the communica...
SMX-1R QUARTZCOM-SMX-1R Datasheet
107Kb / 1P
SMD Crystal High reliable, hermetic sealed package
VTE-205H QUARTZCOM-VTE-205H Datasheet
90Kb / 1P
Through hole VC-TCXO HCMOS / TTL compatible Tight frequency stability vs. temperature
TX6-104H QUARTZCOM-TX6-104H Datasheet
97Kb / 1P
Through hole TCXO HCMOS High reliable hermetic sealed package
VT5-254HP QUARTZCOM-VT5-254HP Datasheet
97Kb / 1P
Through hole VC-TCXO HCMOS Tight frequency stability vs temperature
VT5-254SP QUARTZCOM-VT5-254SP Datasheet
96Kb / 1P
Through hole VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com