Electronic Components Datasheet Search
  English  ▼

X  

IR2109S Datasheet(PDF) 3 Page - International Rectifier

Part # IR2109S
Description  HALF-BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2109S Datasheet(HTML) 3 Page - International Rectifier

  IR2109S Datasheet HTML 1Page - International Rectifier IR2109S Datasheet HTML 2Page - International Rectifier IR2109S Datasheet HTML 3Page - International Rectifier IR2109S Datasheet HTML 4Page - International Rectifier IR2109S Datasheet HTML 5Page - International Rectifier IR2109S Datasheet HTML 6Page - International Rectifier IR2109S Datasheet HTML 7Page - International Rectifier IR2109S Datasheet HTML 8Page - International Rectifier IR2109S Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IR2109(4) (S)
www.irf.com
3
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, CL = 1000 pF, TA = 25°C, DT = VSS unless otherwise specified.
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
—
750
950
VS = 0V
toff
Turn-off propagation delay
—
200
280
VS = 0V or 600V
tsd
Shut-down propagation delay
—
200
280
MT
Delay matching, HS & LS turn-on/off
—
0
70
tr
Turn-on rise time
—
150
220
VS = 0V
tf
Turn-off fall time
—
50
80
VS = 0V
DT
Deadtime: LO turn-off to HO turn-on(DTLO-HO) &
400
540
680
RDT= 0
HO turn-off to LO turn-on (DTHO-LO)
4
5
6
usec
RDT = 200k (IR21094)
MDT
Deadtime matching = DTLO - HO - DTHO-LO
—
0
60
RDT=0
—
0
600
RDT = 200k (IR21094)
nsec
nsec
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip
DT97-3 for more details).
VB
High side floating supply absolute voltage
VS + 10
VS + 20
VS
High side floating supply offset voltage
Note 1
600
VHO
High side floating output voltage
VS
VB
VCC
Low side and logic fixed supply voltage
10
20
VLO
Low side output voltage
0
VCC
VIN
Logic input voltage (IN & SD)
VSS
VCC
DT
Programmable dead-time pin voltage (IR21094 only)
VSS
VCC
VSS
Logic ground (IR21094 only)
-5
5
TA
Ambient temperature
-40
125
°C
Symbol
Definition
Min.
Max.
Units
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within the
recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15V differential.
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com