Electronic Components Datasheet Search
  English  ▼

X  

FP303 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FP303
Description  DC-DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP303 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FP303 Datasheet HTML 1Page - Sanyo Semicon Device FP303 Datasheet HTML 2Page - Sanyo Semicon Device FP303 Datasheet HTML 3Page - Sanyo Semicon Device FP303 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52098HA (KT)/N2394TS (KOTO) B8-0025 No.4657-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
TR:NPN Epitaxial Planar Silicon Transistor
SBD:Schottky Barrier Diode
DC-DC Converter Applications
Ordering number:EN4657
FP303
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
]
R
T
[
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
6V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
2A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
4A
t
n
e
r
r
u
C
e
s
a
BIB
0
0
4A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
8
.
0W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
]
D
B
S
[
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
5V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
NV
M
S
R
5
5V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
0
0
5A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
5A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
–
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2099A
[FP303]
Features
· Composite type with NPN transistor and Schottoky
barrier diode facilitates high-density mounting.
· The FP303 is composed of chips equivalent to the
2SD1623 and SB05-05CP, which are placed in one
package.
˚C
˚C
Mounted on ceramic board (250mm2
×0.8mm)
1:Base
2:Collector
3:Emitter
4:Cathode
5:Anode
6:Cathode
7:Collector
SANYO:PCP5
(Bottom view)
˚C
Electrical Connection
Continued on next page.
˚C
1:Base
2:Collector
3:Emitter Common
4:Cathode
5:Anode
6:Cathode
7:Collector
(Top View)


Similar Part No. - FP303

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
FP3030 APITECH-FP3030 Datasheet
70Kb / 1P
RF AMPLIFIER MODEL
FP3031 APITECH-FP3031 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
FP3032 APITECH-FP3032 Datasheet
37Kb / 1P
RF AMPLIFIER MODEL
FP3035 APITECH-FP3035 Datasheet
36Kb / 1P
RF AMPLIFIER MODEL
FP3036 APITECH-FP3036 Datasheet
40Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - FP303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1973 SANYO-2SA1973 Datasheet
44Kb / 4P
DC/DC Converter Applications
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
DC / DC Converter Applications
CPH5815 SANYO-CPH5815 Datasheet
39Kb / 5P
DC / DC Converter Applications
FTS2022 SANYO-FTS2022 Datasheet
41Kb / 4P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_11 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2013 SANYO-2SA2013_05 Datasheet
63Kb / 5P
DC / DC Converter Applications
CPH3121 SANYO-CPH3121_11 Datasheet
71Kb / 5P
DC / DC Converter Applications
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com