Electronic Components Datasheet Search
  English  ▼

X  

IR2302 Datasheet(PDF) 15 Page - International Rectifier

Part # IR2302
Description  HALF-BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2302 Datasheet(HTML) 15 Page - International Rectifier

Back Button IR2302 Datasheet HTML 11Page - International Rectifier IR2302 Datasheet HTML 12Page - International Rectifier IR2302 Datasheet HTML 13Page - International Rectifier IR2302 Datasheet HTML 14Page - International Rectifier IR2302 Datasheet HTML 15Page - International Rectifier IR2302 Datasheet HTML 16Page - International Rectifier IR2302 Datasheet HTML 17Page - International Rectifier IR2302 Datasheet HTML 18Page - International Rectifier IR2302 Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
IR2302(S) & (PbF)
www.irf.com
15
0
50
100
150
200
-50-25
0
25
50
75100
125
Temperature (oC)
Min.
Figure 19A. Quiescent V
BS Supply Cur r e nt
vs. Tem perature
Typ.
M ax.
0
50
100
150
200
510
15
20
V
BS Supply V oltage (V )
Figure 19B. Quiescent V
BS Supply Cur r e nt
vs. V
BS Supply V oltage
Typ.
M ax.
Min.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Temperature (oC)
Min.
Figure 20A. Quiescent V
CC Supply Cur r e nt
vs. Tem perature
Typ.
Max
0
0.5
1
1.5
2
2.5
3
5
101520
V
CC Supply Voltage (V)
Figure 20B. Quiescent V
CC Supply Cur r e nt
vs. V
CC Supply Voltage
Typ.
M ax.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com