Electronic Components Datasheet Search
  English  ▼

X  

IR2302S Datasheet(PDF) 9 Page - International Rectifier

Part # IR2302S
Description  HALF-BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2302S Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2302S Datasheet HTML 5Page - International Rectifier IR2302S Datasheet HTML 6Page - International Rectifier IR2302S Datasheet HTML 7Page - International Rectifier IR2302S Datasheet HTML 8Page - International Rectifier IR2302S Datasheet HTML 9Page - International Rectifier IR2302S Datasheet HTML 10Page - International Rectifier IR2302S Datasheet HTML 11Page - International Rectifier IR2302S Datasheet HTML 12Page - International Rectifier IR2302S Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IR2302(S) & (PbF)
www.irf.com
9
100
200
300
400
500
600
700
510
15
20
Supply Voltage (V)
Typ.
M ax.
Figure 8B. Shut-dow n Propagation Delay
vs. Supply Voltage
0
100
200
300
400
500
-50-25
0
25
50
75100
125
Temperature (oC)
Typ.
M ax.
Figure 8A. Shut-dow n Propagation Delay
vs. Tem perature
100
150
200
250
300
350
400
3
6
9
12
15
Input Voltage (V)
Figure 8C. Shut-dow n Propagation Delay
vs. Input Voltage
Typ.
M ax.
0
100
200
300
400
500
-50-25
0
25
50
75100
125
Temperature (oC)
Typ.
M ax.
Figure 9A. Turn-on Rise Tim e
vs. Tem perature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com