Electronic Components Datasheet Search
  English  ▼

X  

FP502 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FP502
Description  DC-DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP502 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FP502 Datasheet HTML 1Page - Sanyo Semicon Device FP502 Datasheet HTML 2Page - Sanyo Semicon Device FP502 Datasheet HTML 3Page - Sanyo Semicon Device FP502 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FP502
No.5263-2/4
Switching Time Test Circuit
Electrical Connection
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
]
k
c
o
l
b
S
O
M
[
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
.
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
m
i
T
e
s
i
Rtr
.
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
2s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
.
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
2s
n
e
m
i
T
ll
a
Ftf
.
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
]
k
c
o
l
b
e
d
o
i
D
[
e
g
a
t
l
o
V
d
r
a
w
r
o
F
VF
IF
A
m
0
0
5
=4
.
05
4
.
0V
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rt r
r
IF
s
µ
/
A
0
5
=
t
d
/
i
d
,
A
m
0
0
5
=0
20
3s
n
Continued from preceding page.
1:Source, Anode
2:Common (Drain, Cathode)
3:Source, Anode
4Common (Drain, Cathode)
5:Gate
6:Common (Drain, Cathode)
7:Common (Drain, Cathode)
(Top view)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com