Electronic Components Datasheet Search
  English  ▼

X  

FSS106 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS106
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS106 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS106 Datasheet HTML 1Page - Sanyo Semicon Device FSS106 Datasheet HTML 2Page - Sanyo Semicon Device FSS106 Datasheet HTML 3Page - Sanyo Semicon Device FSS106 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6476-3/4
FSS106
--0.1
23
5
7 --1.0
--10
23
23
5
7
10
1000
100
7
5
3
2
7
5
3
2
Drain Current, ID –A
SW Time -- ID
0
20
40
60
80
100
120
140
160
0.5
0
1.0
1.5
2.5
2.0
Ambient Temperature, Ta – ˚C
PD -- Ta
A S O
--0.1
23
5 7
23
5 7
7
--1.0
--10
23
5
7
23
5 --100
--10
--1.0
--0.1
--100
7
5
3
2
7
5
3
2
--0.01
--0.01
7
5
3
2
7
5
3
2
Drain-to-Source Voltage, VDS –V
IT01797
IT01799
IT01798
7
5
3
2
--10
--8
--6
--4
--2
0
010
20
30
25
35
40
45
515
VGS -- Qg
Total Gate Charge, Qg – nC
10000
7
5
3
2
1000
100
0
--5
--10
--15
--20
--25
--30
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS –V
IT01795
IT01796
f=1MHz
Ciss
Coss
Crss
VDS= --10V
ID= --7A
td(on)
VDD= --15V
VGS= --10V
tr
td(off)
tf
Operation in this
area is limited by RDS(on).
DC
operation
IDP= --32A
ID= --7A
<10
µs
1ms
100ms
10ms
3
2
7
5
3
2
7
5
3
2
10
1.0
0.1
23
5 7
2
3
5 7
2
3
5 7
2
3
yfs -- ID
Drain Current, ID –A
--0.1
--0.01
--1.0
--10
--100
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
--10
--1.0
--0.1
--0.01
0
--0.4
--0.2
--0.6
--0.8
--1.0
--1.2
--1.4
IF -- VSD
Diode Forward Voltage, VSD –V
IT01793
IT01794
Ta=
--25
°C
25
°C
75
°C
VDS= --10V
VGS=0
Mounted
on
a
ceramic
board
(1000mm
2×
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2
×0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com