Electronic Components Datasheet Search
  English  ▼

X  

FSS132 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS132
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS132 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS132 Datasheet HTML 1Page - Sanyo Semicon Device FSS132 Datasheet HTML 2Page - Sanyo Semicon Device FSS132 Datasheet HTML 3Page - Sanyo Semicon Device FSS132 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6398-3/4
FSS132
--0.1
23
5
7
2
3
57
2
--1.0
--10
10
1000
100
7
5
3
2
7
5
3
2
SW Time -- ID
td(on)
VDD=--15V
VGS=--10V
0
20
40
60
80
100
120
140
160
0.5
0
1.0
2.0
1.8
1.5
2.5
PD -- Ta
A S O
--0.1
23
5 7
2 3
5 7
7
--1.0
--10
23
5
7
23
5
--100
--10
--1.0
--0.1
--100
7
5
3
2
7
5
3
2
--0.01
--0.01
7
5
3
2
7
5
3
2
DC
operation
IDP=--48A
ID=--7A
<10
µs
100
µs
1ms
10ms
100ms
tr
td(off)
tf
IT01585
IT01587
IT01586
--10
--9
--8
--7
--6
--5
--4
--3
--2
--1
0
0
5
10
15
20
30
25
35
VGS -- Qg
VDS=--10V
ID=--7A
10000
7
5
3
2
7
5
3
2
1000
100
0
--5
--10
--15
--20
--25
--30
Ciss, Coss, Crss -- VDS
Ciss
Coss
Crss
f=1MHz
IT01583
IT01584
Ta=-
-25°
C
25°
C
75°
C
VDS=--10V
100
7
5
3
2
7
5
3
2
7
5
3
2
10
1.0
0.1
--0.1
23
5
7
2
3
5
7
2
yfs -- ID
--1.0
--10
--100
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
--10
--1.0
--0.1
--0.01
--0.001
0
--0.2
--0.4
--0.6
--0.8
--1.0
IF -- VSD
--1.2
VGS=0
IT01581
IT01582
Operation in this area
is limited by RDS(on).
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Mounted
on
a ceramic
board
(1200mm
2×
0.8mm)
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2
×0.8mm)
Drain Current, ID –A
Diode Forward Voltage, VSD –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com