Electronic Components Datasheet Search
  English  ▼

X  

FSS133 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FSS133
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS133 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FSS133 Datasheet HTML 1Page - Sanyo Semicon Device FSS133 Datasheet HTML 2Page - Sanyo Semicon Device FSS133 Datasheet HTML 3Page - Sanyo Semicon Device FSS133 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSS133
No.6919-1/4
Features
•
Low ON-resistance.
•
Ultrahigh-speed switching.
•
2.5V drive.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6919
FSS133
Package Dimensions
unit : mm
2116
[FSS133]
22001 TS IM TA-2721
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Load Switching Applications
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : SOP8
14
5
8
0.2
5.0
0.595
1.27
0.43
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--8
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--52
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1200mm2!0.8mm)
1.8
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--8A
14.7
21
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--8A, VGS=--4V
18
24
m
Ω
RDS(on)2
ID=--2A, VGS=--2.5V
25
35
m
Ω
Marking : S133
Continued on next page.


Similar Part No. - FSS133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS13 ETC-FSS13 Datasheet
43Kb / 2P
1 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Intersil Corporation
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D1 INTERSIL-FSS130D1 Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D3 INTERSIL-FSS130D3 Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130R INTERSIL-FSS130R Datasheet
45Kb / 8P
11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FSS133

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
Load Switching Applications
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
Load Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com