Electronic Components Datasheet Search
  English  ▼

X  

FSS139 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS139
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS139 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS139 Datasheet HTML 1Page - Sanyo Semicon Device FSS139 Datasheet HTML 2Page - Sanyo Semicon Device FSS139 Datasheet HTML 3Page - Sanyo Semicon Device FSS139 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSS139
No.7019-3/4
2.5
2.0
1.8
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
PD -- Ta
--100
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
23
5 7
23
5 7
23
5 7
2
3
100ms
<10
µs
10ms
1ms
--10
--1.0
--0.1
--0.01
--0.01
--0.1
--1.0
--10
A S O
Operation in this
area is limited by RDS(on).
DC
operation
23
5
7
23
5
7
td(on)
td(off)
tr
tf
100
7
2
3
5
7
2
3
5
10
--0.1
--1.0
SW Time -- ID
VDD= --10V
VGS= --4V
IT02306
IT03273
IT03272
IDP= --48A
ID= --4A
--0.001
--10
--0.3
--0.6
--1.0
--0.4
yfs -- ID
0.1
--1.0
--0.1
--0.01
--10
23
5
7
23
5
7
23
5
7
Ciss, Coss, Crss -- VDS
1000
0
--4
--6
--2
--10
--12
--8
--14
--16
--20
VGS -- Qg
--10
--3
--2
--1
0
--4
--5
624
18
20
22
14
10
212
16
8
4
0
IT02302
IT02303
IT02304
IT02305
2
10
1.0
5
2
7
3
5
2
7
3
100
2
3
5
7
2
3
5
7
--18
--0.01
--1.0
--0.1
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
--0.5
--0.7
--0.8
--0.9
--0.2
--8
--7
--6
--9
IF -- VSD
VGS=0
VDS=10V
Ta=
--25
°C
25
°C
75
°C
f=1MHz
VDS= --10V
ID= --4A
Ciss
Crss
Coss
100
µ
s
Ta=25
°C
Single pulse
Mounted on a ceramic board(1200mm2!0.8mm)
Mounted
on
a ceramic
board(1200mm
2!
0.8mm)
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Ambient Temperature, Ta --
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com