Electronic Components Datasheet Search
  English  ▼

X  

FSS212 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FSS212
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS212 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FSS212 Datasheet HTML 1Page - Sanyo Semicon Device FSS212 Datasheet HTML 2Page - Sanyo Semicon Device FSS212 Datasheet HTML 3Page - Sanyo Semicon Device FSS212 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5933-3/4
FSS212
Diode Forward Voltage, VSD –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
23
5
5
7
7
0.1
0.01
0.1
1.0
0.01
23
5 7
23
5
5
72
3
10
2
3
2
3
5
7
2
3
5
7
2
3
5
7
1.0
10
100
SW Time - I D
A S O
P D - Ta
td(off)
tf
tr
td(on)
VDD=15V
VGS=10V
IDP=52A
ID=8A
Operation in this area
is limited by RDS(on).
100
µs
1ms
10ms
100ms
DC
operation
Ciss, Coss, Crss - VDS
VGS - Qg
f=1MHz
Ciss
Coss
Crss
VDS=10V
ID=8A
R DS(on) - Ta
ID=8A,VGS
=10V
ID=4A,V
GS
=4V
VGS=0
I F - VSD
10
0
20
30
40
50
60
70
80
90
100
020
-20
-40
-60
40
60
80
100
120
140
160
2
3
5
7
2
3
5
7
2
3
5
7
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
1.0
10
10
2
3
5
7
10000
2
3
5
7
2
3
5
7
1000
100
10
5
0
152025
30
1
2
3
4
5
10
9
8
7
6
0
5
10152025
0
0.1
10
2
3
5
7
100
2
3
5
7
1000
23
5
7
7 1.0
22
35
7
10
80
100
120
140
160
60
40
20
0
0
0.8
1.2
0.4
1.6
1.8
2.0
Ambient Temperature, Ta – ˚C
Mounted
on
a
ceramic
board
(1200mm
2×
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (1200mm2
×0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com