Electronic Components Datasheet Search
  English  ▼

X  

FSS216 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FSS216
Description  DC/DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSS216 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FSS216 Datasheet HTML 1Page - Sanyo Semicon Device FSS216 Datasheet HTML 2Page - Sanyo Semicon Device FSS216 Datasheet HTML 3Page - Sanyo Semicon Device FSS216 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
71000TS (KOTO) TA-2143 No.5934-1/4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel Silicon MOSFET
DC/DC Converter Applications
Ordering number:ENN5934A
FSS216
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications
Absolute Maximum Ratings at Ta = 25˚C
14
5
8
0.2
5.0
0.595
1.27
0.43
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2116
[FSS216]
Features
· Low ON-resistance.
· 4V drive.
1 : Source
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Drain
7 : Drain
8 : Drain
SANYO : SOP8
Continued on next page.
Mounted on a ceramic board (1000mm2
×0.8mm)
˚C
˚C
Marking : S216
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
3V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
4
2
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
0
1A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
≤
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
12
5A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
0
.
2W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
3V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
3
=
S
G
0
=0
1A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
6
1
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=0
.
14
.
2V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
=
D
A
0
1
=0
14
1S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
1ID
V
,
A
0
1
=
S
G
V
0
1
=1
15
1m
Ω
R
)
n
o
(
S
D
2ID
V
,
A
4
=
S
G
V
4
=0
28
2m
Ω
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
0
2
1F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
0
7F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
8
2F
p


Similar Part No. - FSS216

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FSS210-TL-E VBSEMI-FSS210-TL-E Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
logo
Sanyo Semicon Device
FSS212 SANYO-FSS212 Datasheet
176Kb / 4P
DC/DC Converter Applications
FSS218 SANYO-FSS218 Datasheet
41Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FSS216

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1973 SANYO-2SA1973 Datasheet
44Kb / 4P
DC/DC Converter Applications
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
DC / DC Converter Applications
CPH5815 SANYO-CPH5815 Datasheet
39Kb / 5P
DC / DC Converter Applications
FTS2022 SANYO-FTS2022 Datasheet
41Kb / 4P
DC / DC Converter Applications
2SA2012 SANYO-2SA2012_11 Datasheet
93Kb / 5P
DC / DC Converter Applications
2SA2013 SANYO-2SA2013_05 Datasheet
63Kb / 5P
DC / DC Converter Applications
CPH3121 SANYO-CPH3121_11 Datasheet
71Kb / 5P
DC / DC Converter Applications
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com