Electronic Components Datasheet Search
  English  ▼

X  

ADA4424 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4424
Description  6-Channel SD/ED/HD Video Filter with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4424 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4424 Datasheet HTML 8Page - Analog Devices ADA4424 Datasheet HTML 9Page - Analog Devices ADA4424 Datasheet HTML 10Page - Analog Devices ADA4424 Datasheet HTML 11Page - Analog Devices ADA4424 Datasheet HTML 12Page - Analog Devices ADA4424 Datasheet HTML 13Page - Analog Devices ADA4424 Datasheet HTML 14Page - Analog Devices ADA4424 Datasheet HTML 15Page - Analog Devices ADA4424 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADA4424-6
Rev. C | Page 15 of 16
OUTLINE DIMENSIONS
38
20
19
1
9.80
9.70
9.60
PIN 1
SEATING
PLANE
0.15
0.05
0.50
BSC
0.27
0.17
1.20
MAX
0.20
0.09
8°
0°
4.50
4.40
4.30
6.40 BSC
0.70
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-BD-1
Figure 19. 38-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-38)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Ordering
Quantity
ADA4424-6ARUZ
−40°C to +85°C
38-Lead Thin Shrink Small Outline Package (TSSOP)
RU-38
50
ADA4424-6ARUZ-R7
−40°C to +85°C
38-Lead Thin Shrink Small Outline Package (TSSOP)
RU-38
1,000
ADA4424-6ARUZ-RL
−40°C to +85°C
38-Lead Thin Shrink Small Outline Package (TSSOP)
RU-38
2,500
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com