Electronic Components Datasheet Search
  English  ▼

X  

AD8352 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8352
Description  2 GHz Ultralow Distortion Differential RF/IF Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8352 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8352_08 Datasheet HTML 5Page - Analog Devices AD8352_08 Datasheet HTML 6Page - Analog Devices AD8352_08 Datasheet HTML 7Page - Analog Devices AD8352_08 Datasheet HTML 8Page - Analog Devices AD8352_08 Datasheet HTML 9Page - Analog Devices AD8352_08 Datasheet HTML 10Page - Analog Devices AD8352_08 Datasheet HTML 11Page - Analog Devices AD8352_08 Datasheet HTML 12Page - Analog Devices AD8352_08 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8352
Rev. B | Page 9 of 20
50
40
30
20
15
45
35
25
10
5.0
4.0
3.0
2.0
1.5
4.5
3.5
2.5
1.0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
AV = 10dB
AV = 10dB
AV = 6dB
AV = 10dB
AV = 15dB
OIP3
NOISE FIGURE
Figure 10. Noise Figure, OIP3, and Spectral Noise Density vs.
Frequency, 2 V p-p Composite, RL = 200 Ω
500MHz
380MHz
240MHz
190MHz
70MHz
140MHz
100MHz
45
40
35
30
25
20
0
100
50
200
300
150
250
350
400
GAIN SETTING RESISTOR (Ω)
Figure 11. Output IP3 (OIP3) vs. RG for Multiple Frequencies, RL = 200 Ω
–60
–90
FREQUENCY (MHz)
–65
–70
–75
–80
–85
220
260
300
340
380
420
460
500
> 300MHz NO CD OR RD USED
HD3
2V p-p
HD2
2V p-p
HD3
1V p-p
Figure 12. Third-Order Harmonic Distortion (HD3) vs. Frequency,
AV = 10 dB, RL = 200 Ω
500MHz
380MHz
240MHz
190MHz
140MHz
70MHz
100MHz
16.5
16.0
15.5
15.0
14.0
14.5
13.5
13.0
0
100
50
200
300
150
250
350
450
400
GAIN SETTING RESISTOR (Ω)
Figure 13. Output 1 dB Compression Point (P1dB) vs.
RG for Multiple Frequencies, RL = 200 Ω
–60
–110
0
500
FREQUENCY (MHz)
–65
–70
–75
–80
–85
–90
–95
–100
–105
50
100
150
200
250
300
350
400
450
HD3
HD2
Figure 14. Harmonic Distortion vs. Frequency for 2 V p-p into RL = 1 kΩ,
AV = 10 dB, 5 V Supply, RG = 180 Ω, RD = 6.8 kΩ, CD = 0.1 pF
–50
–110
0
400
FREQUENCY (MHz)
–60
–70
–80
–90
–100
50
100
150
200
250
300
350
HD2
HD3
Figure 15. Harmonic Distortion vs. Frequency for 2 V p-p into RL = 200 Ω,
AV = 10 dB, RG = 115 Ω, RD = 4.3 kΩ, CD = 0.2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com