Electronic Components Datasheet Search
  English  ▼

X  

ADL5523 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5523
Description  400 MHz to 4000 MHz Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5523 Datasheet HTML 2Page - Analog Devices ADL5523 Datasheet HTML 3Page - Analog Devices ADL5523 Datasheet HTML 4Page - Analog Devices ADL5523 Datasheet HTML 5Page - Analog Devices ADL5523 Datasheet HTML 6Page - Analog Devices ADL5523 Datasheet HTML 7Page - Analog Devices ADL5523 Datasheet HTML 8Page - Analog Devices ADL5523 Datasheet HTML 9Page - Analog Devices ADL5523 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADL5523
Rev. A | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VBIAS
2
RFIN
3
NC
4
NC
7RFOUT
8VPOS
6NC
5NC
ADL5523
TOP VIEW
(Not to Scale)
EXPOSED PAD
NOTES
1. NC = NO CONNECT.
2. CONNECT THE EXPOSED PAD TO A LOW
IMPEDANCE GROUND PLANE.
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VBIAS
Internal DC Bias. This pin should be connected to VPOS through the R1 resistor.
2
RFIN
RF Input. This is the input to the LNA.
3, 4, 5, 6
NC
No Connection. No internal connection.
7
RFOUT
RF Output.
8
VPOS
Supply Voltage. DC bias needs to be bypassed to ground using a low inductance capacitor. This pin is
also used for output matching. See the Basic Connections section.
9 (EPAD)
Exposed Pad (EPAD)
GND. Connect the exposed pad to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com