Electronic Components Datasheet Search
  English  ▼

X  

ADL5561 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5561
Description  2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5561 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5561 Datasheet HTML 5Page - Analog Devices ADL5561 Datasheet HTML 6Page - Analog Devices ADL5561 Datasheet HTML 7Page - Analog Devices ADL5561 Datasheet HTML 8Page - Analog Devices ADL5561 Datasheet HTML 9Page - Analog Devices ADL5561 Datasheet HTML 10Page - Analog Devices ADL5561 Datasheet HTML 11Page - Analog Devices ADL5561 Datasheet HTML 12Page - Analog Devices ADL5561 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5561
Rev. B | Page 9 of 24
0
10
20
30
40
50
60
0
50
100
150
200
250
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 9. Output Third-Order Intercept at Three Gains, Output Level at 2 V p-p
Composite, RL = 200 Ω
0
10
20
30
40
50
60
0
50
100
150
200
250
FREQUENCY (MHz)
+85°C MAX GAIN
+25°C MAX GAIN
–40°C MAX GAIN
Figure 10. Output Third-Order Intercept vs. Frequency, Over Temperature,
Output Level at 2 V p-p Composite, RL = 200 Ω
30
35
40
45
50
55
60
0
50
100
150
200
250
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 11. OIP3 vs. Frequency (Single-Ended Input)
–120
–100
–80
–60
–40
–20
0
–160
–140
–120
–100
–80
–60
–40
0
50
100
150
200
250
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 12. Two-Tone Output IMD vs. Frequency,
Output Level at 2 V p-p Composite, RL = 200 Ω and RL = 1 kΩ
–2
–1
0
1
2
3
4
5
POUT/TONE (dBm)
0
5
10
15
20
25
30
35
40
45
50
Figure 13. Output Third-Order Intercept (OIP3) vs. Power (POUT),
Frequency 140 MHz, AV = 15.5 dB
0
50
100
150
200
250
FREQUENCY (MHz)
–110
–105
–100
–95
–90
–85
–80
–75
–70
AV MAXIMUM
AV MID
AV MINIMUM
Figure 14. IMD vs. Frequency (Single-Ended Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com