Electronic Components Datasheet Search
  English  ▼

X  

FTD2005 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTD2005
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD2005 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTD2005 Datasheet HTML 1Page - Sanyo Semicon Device FTD2005 Datasheet HTML 2Page - Sanyo Semicon Device FTD2005 Datasheet HTML 3Page - Sanyo Semicon Device FTD2005 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6429-3/4
FTD2005
1.0
0.1
1.0
23
5
7
2
3
100
7
5
3
2
10
7
5
3
2
SW Time -- ID
VDD=10V
VGS=4V
td(on)
td(off)
tr
tf
IT00983
0
10
2
100
46
1000
7
5
3
2
7
5
3
2
820
10
12
14
16
18
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT00984
0
0
1
2
3
4
5
6
7
8
6
24
5
13
9
10
VGS -- Qg
VDS=10V
ID=1A
IT00985
A S O
2
3
5
7
2
3
5
7
2
3
5
7
10
1.0
0.1
0.01
23
5
7
23
5
7
0.1
1.0
10
23
5
IT00986
100
µs
IDP=4A
Operation in this area is
limited by RDS(on).
DC
operation
1ms
10ms
100ms
0
0
20
40
0.2
60
0.4
0.6
80
100
120
0.8
1.0
1.2
140
160
PD -- Ta
IT00987
0
0
0.2
0.4
0.2
0.6
0.4
0.6
0.8
1.0
0.8
1.0
PD(FET1) -- PD(FET2)
IT00988
ID=1A
IT00981
0.01
0.1
0.1
23
5
7
1.0
23
5
7
2
3
10
1.0
7
5
3
2
7
5
3
2
yfs -- ID
VDS=10V
75
°C
25°
C
Ta=-
-25
°C
IT00982
0
0.3
0.9
0.6
1.2
1.5
0.001
0.01
1.0
0.1
7
5
3
2
7
5
3
2
7
5
3
2
10
7
5
3
2
IF -- VSD
VGS = 0
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Drain-to-Source Voltage, VDS –V
Mounted on a ceramic board (1000mm
2
×0.8mm)
Ta= 25
°C
Single pulse
1 unit
Ambient Temperature, Ta –
°C
Mounted on a ceramic board (1000mm
2
×0.8mm)
Total
Dissipation
1 unit
Allowable Power Dissipation (FET2), PD –W
Mounted
on
a ceramic
board
(1000mm
2
×
0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com