Electronic Components Datasheet Search
  English  ▼

X  

TC1163 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TC1163
Description  32-Bit Single-Chip Microcontroller TriCore
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1163 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TC1163 Datasheet HTML 67Page - Infineon Technologies AG TC1163 Datasheet HTML 68Page - Infineon Technologies AG TC1163 Datasheet HTML 69Page - Infineon Technologies AG TC1163 Datasheet HTML 70Page - Infineon Technologies AG TC1163 Datasheet HTML 71Page - Infineon Technologies AG TC1163 Datasheet HTML 72Page - Infineon Technologies AG TC1163 Datasheet HTML 73Page - Infineon Technologies AG TC1163 Datasheet HTML 74Page - Infineon Technologies AG TC1163 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 134 page
background image
TC1163/TC1164
Functional Description
Preliminary
Data Sheet
67
V1.0, 2008-04
3.14
Analog-to-Digital Converter (ADC0)
Section 3.14 shows the global view of the ADC module with its functional blocks and
interfaces and the features which are provided by the module.
Figure 3-11
Block Diagram of the ADC Module
The ADC module has 16 analog input channels. An analog multiplexer selects the input
line for the analog input channels from among 32 analog inputs. Additionally, an external
analog multiplexer can be used for analog input extension. External Clock control,
address decoding, and service request (interrupt) control are managed outside the ADC
module kernel. External trigger conditions are controlled by an External Request Unit.
This unit generates the control signals for auto-scan control (ASGT), software trigger
control (SW0TR, SW0GT), the event trigger control (ETR, EGT), queue control (QTR,
QGT), and timer trigger control (TTR, TGT).
An automatic self-calibration adjusts the ADC module to changing temperatures or
process variations. Figure 3-11 shows the global view of the ADC module with its
functional blocks and interfaces.
ADC0
Module
Kernel
Interrupt
Control
Clock
Control
Address
Decoder
f
ADC
To DMA
AIN16
MCA06427
V
AGND0
V
DD
V
SS
V
DDM
V
AREF0
V
SSM
Group 1
P1.13 /AD0EMUX1
P1.12 /AD0EMUX0
AN0
AN15
AN16
f
CLC
Port 1
Control
AIN0
AIN15
Group 0
ASGT
SW0TR, SW0GT
ETR, EGT
QTR, QGT
TTR, TGT
External
Request
Unit
(SCU)
AIN30
From GPTA
From Ports
From MSC0
P1.14 /
AD0EMUX2 (GRPS)
AN30
AIN31
AN31
Die
Temperature
Measurement
SCU_CON.DTSON
0
1
GPRS
EMUX0
EMUX1
8
2
6
SR[3:0]
SR[7:4]
A1
A1
A1
D
D
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com