Electronic Components Datasheet Search
  English  ▼

X  

FTD2011 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTD2011
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD2011 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTD2011 Datasheet HTML 1Page - Sanyo Semicon Device FTD2011 Datasheet HTML 2Page - Sanyo Semicon Device FTD2011 Datasheet HTML 3Page - Sanyo Semicon Device FTD2011 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6072-3/4
FTD2011
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.3
1.6
SW Time - I D
A S O
PD - Ta
tf
tr
td(on)
2
3
5
7
2
3
5
7
2
3
5
7
23
5
7
2
2
35
7
7
2
3
5
7
2
3
5
7
2
3
5
2
3
5
7
0
20
40
60
80
100
120
140
160
<10
µs
VDD=10V
ID=5A
Operation in this area
is limited by RDS(on).
1ms
10ms
100m
s
DC
operation
23
5
7
2
2
33
57
1.0
10
100
1000
0.01
0.1
1.0
10
0.1
1.0
10
0.1
1.0
10
Ciss, Coss, Crss - VDS
VGS - Qg
f = 1MHz
VDS=10V
2
3
5
7
2
3
5
7
2
3
5
7
Ciss
Coss
Crss
02
4
6
8
10
12
14
16
18
20
10
100
1000
10000
0
1
4
8
12
16
20
24
28
32
0
2
3
4
5
6
7
8
9
10
Drain-to-Source Voltage,VDS –V
Total Gate Charge, Qg
–
nC
Drain-to-Source Voltage,VDS –V
Drain Current, ID –A
Ambient Temperature, Ta –
°C
Ta= 25˚C
1pulse
1unit
Mounted on a ceramic board (1000mm
2
×0.8mm)
Mounted on a ceramic board (1000mm
2
×0.8mm)
Total
Dissipation
1 unit
R DS(on) - Ta
I F - VSD
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
ID=2A,V
GS
=2.5V
ID=4A,V
GS
=4V
-60
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
100
120
160
140
0.01
0.1
1.0
10
100
0.2
0.4
0.6
0.8
1.0
1.2
0.3
0.5
0.7
0.9
1.1
Ambient Temperature, Ta –
°C
Diode Forward Voltage, VSD –V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com