Electronic Components Datasheet Search
  English  ▼

X  

CEP710B Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEP710B
Description  xDSL line transformer Custom design is available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP710B Datasheet(HTML) 2 Page - Sumida Corporation

  CEP710B Datasheet HTML 1Page - Sumida Corporation CEP710B Datasheet HTML 2Page - Sumida Corporation CEP710B Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
x
x
x
xDSL
DSL
DSL
DSL Transformer
Transformer
Transformer
Transformer
CEP710B
CEP710B
CEP710B
CEP710B
■
■
■
■
Electrical Characteristics Specification.
VDSL2 CO
Functional
-80dB(100KHz, 3.0V)
2
:1
100
±10%
J14215
VDSL2 CO
Functional
-60dB(30K, 3.0V)
2
:1
420
±10%
J14214
VDSL2 CO
Functional
-80dB(100KHz, 3.0V)
2.5
:1
100
±10%
J14208
VDSL2 CO
Functional
-60dB(30K, 3.0V)
2.5
:1
420
±10%
J14207
VDSL2 CO
Functional
-60dB(30K, 3.0V)
2.5
:1
420
±10%
J14202
Application
Insulation
THD (dB) (TYP.)
Turns ratio
Inductance
(
μH)
Part No.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com