Electronic Components Datasheet Search
  English  ▼

X  

TDA9898 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDA9898
Description  Multistandard hybrid IF processing
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDA9898 Datasheet HTML 45Page - NXP Semiconductors TDA9898 Datasheet HTML 46Page - NXP Semiconductors TDA9898 Datasheet HTML 47Page - NXP Semiconductors TDA9898 Datasheet HTML 48Page - NXP Semiconductors TDA9898 Datasheet HTML 49Page - NXP Semiconductors TDA9898 Datasheet HTML 50Page - NXP Semiconductors TDA9898 Datasheet HTML 51Page - NXP Semiconductors TDA9898 Datasheet HTML 52Page - NXP Semiconductors TDA9898 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
49 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
AGC monitor (voltage output)
Gv
voltage gain
voltage on pin MPP to
internal control voltage;
see Table 31
[17]
VIF AGC; see Figure 12
-6
-dB
SIF AGC; see Figure 16
-6
-dB
FM AGC; see Figure 15
-6
-dB
TAGC; see Figure 12
-0
-dB
AFC monitor (current output)
Io
output current
sink or source;
see Figure 17 and
Figure 18
[18][19]
100 kHz VIF deviation
80
-
160
µA
200 kHz VIF deviation
160
200
240
µA
1.5 MHz VIF deviation
160
-
240
µA
AFC TV mode
∆IAFC/∆fVIF
change of AFC current with
VIF frequency
[19] 0.85
1.05
1.25
µA/kHz
fVIFacc(dig)
digital accuracy of VIF
frequency
read-out via I2C-bus;
R1[4:1] = f0; fref = 4 MHz
[20]
−20
-
+20
kHz
fVIFacc(a)
analog accuracy of VIF
frequency
IAFC = 0 A; fref = 4 MHz
[20]
−20
-
+20
kHz
AFC radio mode
∆IAFC/∆fRIF
change of AFC current with
RIF frequency
[19] 0.85
1.05
1.25
µA/kHz
fRIFacc(dig)
digital accuracy of RIF
frequency
read-out via I2C-bus;
R1[4:1] = f0; fref = 4 MHz
[20]
−10
-
+10
kHz
fRIFacc(a)
analog accuracy of RIF
frequency
IAFC = 0 A; fref = 4 MHz
[20]
−10
-
+10
kHz
Pin PORT1 or pin PORT3 operating as voltage monitor
Vsat(u)
upper saturation voltage
VP − 0.8 VP − 0.5
-
V
Vsat(l)
lower saturation voltage
-
0.5
0.8
V
Io(max)
maximum output current
sink or source
[3] 10
-
-
µA
RO
output resistance
[3] -
1.3
3
k
Ω
Gv
voltage gain
voltage ratio: pin PORT1
to internal VIF AGC
voltage
[3][17] -6
-dB
voltage ratio: pin PORT3
to internal TAGC voltage
[3][17] -0
-dB
SIF amplifier; pins IF1A and IF1B or pins IF2A and IF2B or pins IF3A and IF3B
VI
input voltage
-
1.95
-
V
Table 53.
Characteristics …continued
VP =5V; Tamb =25 °C; see Table 24 for input frequencies; B/G standard is used for the specification (fPC = 38.375 MHz;
fSC = 32.875 MHz; PC / SC = 13 dB; fAF = 400 Hz); input level Vi(IF) = 10 mV (RMS) (sync level for B/G; peak white level
for L); IF input from 50
Ω via broadband transformer 1 : 1; video modulation: Vestigial SideBand (VSB); residual carrier for
B/G is 10 % and for L is 3 %; video signal in accordance with “ITU-T J.63 line 17 and line 330” or “NTC-7 Composite”;
internal Nyquist slope switched on (W7[0] = 0); measurements taken in test circuit of Figure 51; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com