Electronic Components Datasheet Search
  English  ▼

X  

C642/C643 Datasheet(PDF) 12 Page - Kemet Corporation

Part # C642/C643
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C642/C643 Datasheet(HTML) 12 Page - Kemet Corporation

Back Button C642/C643 Datasheet HTML 8Page - Kemet Corporation C642/C643 Datasheet HTML 9Page - Kemet Corporation C642/C643 Datasheet HTML 10Page - Kemet Corporation C642/C643 Datasheet HTML 11Page - Kemet Corporation C642/C643 Datasheet HTML 12Page - Kemet Corporation C642/C643 Datasheet HTML 13Page - Kemet Corporation C642/C643 Datasheet HTML 14Page - Kemet Corporation C642/C643 Datasheet HTML 15Page - Kemet Corporation C642/C643 Datasheet HTML 16Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
19
RATINGS & PART NUMBER REFERENCE: STABLE TEMPERATURE CHARACTERISTICS
- X7R
CERAMIC CONFORMALLY COATED/RADIAL
“STANDARD & HIGH VOLTAGE GOLD MAX”
Cap
Cap
Cap
Code
Tol
25
50
100
200
250
500
1k
25
50
100
200
250
500
1k
1.5k
2k
25
50
100
200
250
500
1k
1.5k 2k 2.5k
3k
10pF
100
K,M,P,Z
12
120
K,M,P,Z
15
150
K,M,P,Z
18
180
K,M,P,Z
22
220
K,M,P,Z
27
270
K,M,P,Z
33
330
K,M,P,Z
39
390
K,M,P,Z
47
470
K,M,P,Z
56
560
K,M,P,Z
68
680
K,M,P,Z
82
820
K,M,P,Z
100
101
K,M,P,Z
120
121
K,M,P,Z
150
151
K,M,P,Z
180
181
K,M,P,Z
220
221
K,M,P,Z
270
271
K,M,P,Z
330
331
K,M,P,Z
390
391
K,M,P,Z
470
471
K,M,P,Z
560
561
K,M,P,Z
680
681
K,M,P,Z
820
821
K,M,P,Z
1000
102
K,M,P,Z
1200
122
K,M,P,Z
1500
152
K,M,P,Z
1800
182
K,M,P,Z
2200
222
K,M,P,Z
2700
272
K,M,P,Z
3300
332
K,M,P,Z
3900
392
K,M,P,Z
4700
472
K,M,P,Z
5600
562
K,M,P,Z
6800
682
K,M,P,Z
8200
822
K,M,P,Z
.010uF
103
K,M,P,Z
.012
123
K,M,P,Z
.015
153
K,M,P,Z
.018
183
K,M,P,Z
.022
223
K,M,P,Z
.027
273
K,M,P,Z
.033
333
K,M,P,Z
.039
393
K,M,P,Z
.047
473
K,M,P,Z
.056
563
K,M,P,Z
.068
683
K,M,P,Z
.082
823
K,M,P,Z
.10
104
K,M,P,Z
.12
124
K,M,P,Z
.15
154
K,M,P,Z
.18
184
K,M,P,Z
22
.22
224
K,M,P,Z
22
.27
274
K,M,P,Z
22
.33
334
K,M,P,Z
22
.39
394
K,M,P,Z
22
2
.47
474
K,M,P,Z
22
2
.56
564
K,M,P,Z
22
2
.68
684
K,M,P,Z
22
2
.82
824
K,M,P,Z
22
2
1.0
105
K,M,P,Z
22
2
1.2
125
K,M,P,Z
22
2
2
2
1.5
155
K,M,P,Z
22
1.8
185
K,M,P,Z
22
2.2
225
K,M,P,Z
22
2.7
275
K,M,P,Z
3.3
335
K,M,P,Z
3.9
395
K,M,P,Z
4.7
475
K,M,P,Z
1
1
5.6
565
K,M,P,Z
1
6.8
685
K,M,P,Z
1
10.0
106
K,M,P,Z
1
(1) Thickness max = 0.160" (4.064mm)
(2) Requires straight leads (all other C33X's require bent leads)
C32X
Style
C31X
WVDC
WVDC
WVDC
C33X
For packaging information, see pages 47 and 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com