Electronic Components Datasheet Search
  English  ▼

X  

FTD2017 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FTD2017
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD2017 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FTD2017 Datasheet HTML 1Page - Sanyo Semicon Device FTD2017 Datasheet HTML 2Page - Sanyo Semicon Device FTD2017 Datasheet HTML 3Page - Sanyo Semicon Device FTD2017 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
21400TS (KOTO) TA-2502 No.6361–1/4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel Silicon MOSFET
Load Switching Applications
Ordering number:ENN6361
FTD2017
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2155A
[FTD2017]
Features
· Low ON resistance.
· 2.5V drive.
· Mounting height 1.1mm.
· Composite type, facilitating high-density mounting.
1 : Drain1
2 : Source1
3 : Source1
4 : Gate1
5 : Gate2
6 : Source2
7 : Source2
8 : Drain2
SANYO : TSSOP8
Marking : D2017
Continued on next page.
˚C
˚C
3.0
0.425
0.65
0.125
85
14
0.25
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
2V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
1
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
5A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
≤
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
10
2A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
8
.
0W
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
3
.
1W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Mounted on a ceramic board (1000mm2
×0.8mm) 1unit
Mounted on a ceramic board (1000mm2
×0.8mm)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
2V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
2
=
S
G
0
=1
A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
8
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV S
G
)
f
f
o
(V S
D
I
,
V
0
1
=
D
A
m
1
=4
.
03
.
1V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
=
D
A
5
=2
.
1
16
1S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R S
D
1
)
n
o
(ID
V
,
A
5
=
S
G
V
4
=7
13
2m
Ω
R S
D
2
)
n
o
(ID
V
,
A
2
=
S
G
V
5
.
2
=0
29
2m
Ω
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
0
5
1F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
5
3F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
3
2F
p


Similar Part No. - FTD2017

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FTD2017 VBSEMI-FTD2017 Datasheet
1Mb / 8P
Dual N-Channel 25-V (D-S) MOSFET
FTD2017A VBSEMI-FTD2017A Datasheet
1Mb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Sanyo Semicon Device
FTD2017C SANYO-FTD2017C Datasheet
314Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
FTD2017M SANYO-FTD2017M Datasheet
57Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
FTD2017R SANYO-FTD2017R Datasheet
54Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FTD2017

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
Load Switching Applications
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
Load Switching Applications
FW133 SANYO-FW133 Datasheet
29Kb / 4P
Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
Load Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com