| Electronic Components Datasheet Search |
|
CSR13B554JC Datasheet(PDF) 16 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR13B554JC Datasheet(HTML) 16 Page - Kemet Corporation |
|
16 / 38 page ![]() TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 T110 SERIES — POLAR TYPE & T212 (CSR13) KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 19 KEMET T110 MIL-PRF-39003 (CSR13) CAPACITORS DASH NUMBER REFERENCE FAILURE RATE LEVEL (%/1000 HRS.) MAX. D.C. DISSIPATION KEMET CAPACITANCE LEAKAGE FACTOR EQUIVALENT CAPACITANCE CASE TOLERANCE KEMET µA@25°C %@25°C, M P R S B C D MILITARY µF SIZE ±% PART NUMBER MAX. 120Hz (1.0) (0.1) (0.01) (0.001) (0.1) (0.01) (0.001) PART NUMBER 125 VOLT RATING AT 85°C — 82 VOLT RATING AT 125°C 1.0 B 5,10,20 T110B105(1)125AS 1.5 3 1.2 B 5,10,20 T110B125(1)125AS 1.5 3 1.5 B 5,10,20 T110B155(1)125AS 1.5 3 1.8 B 5,10,20 T110B185(1)125AS 1.5 3 2.2 B 5,10,20 T110B225(1)125AS 1.5 3 2.7 C 5,10,20 T110C275(1)125AS 2.0 3 3.3 C 5,10,20 T110C335(1)125AS 2.0 3 3.9 C 5,10,20 T110C395(1)125AS 2.0 3 4.7 C 5,10,20 T110C475(1)125AS 3.0 3 5.6 C 5,10,20 T110C565(1)125AS 3.0 3 6.8 C 5,10,20 T110C685(1)125AS 3.0 3 8.2 D 5,10,20 T110D825(1)125AS 6.0 3 10.0 D 5,10,20 T110D106(1)125AS 6.0 3 RATINGS & PART NUMBER REFERENCE MIL-PRF-39003/1H EXPONENTIAL MIL-PRF-39003/1H GRADED (1) To complete T110 Series Part Number, insert Capacitance Tolerance Symbol in the 9th Character as shown on Page 6. (2) To complete the T212 Series Part Number, insert Failure Rate Symbol in the 13th Character. Bold Face lines indicate popular part types and values. T110/T140 Herm Seal ESR (OHMS) at 100 kHz @ +25 °C (The ESR values provided below are for reference only. No warranty, as stated on page 3 and reincorporated here, is made as to the accuracy of these values for any particular T110/T140 Series product.) Cap µF 6 Volt 10 Volt 15 Volt 20 Volt 30 Volt 35 Volt 50 Volt 60 Volt 75 Volt 100 Volt 125 Volt 0.10 37.0 26.0 26.0 26.0 26.0 25.0 25.0 0.12 37.0 26.0 26.0 26.0 26.0 25.0 25.0 0.15 32.0 21.0 21.0 21.0 21.0 20.0 20.0 0.18 32.0 21.0 21.0 21.0 21.0 20.0 20.0 0.22 27.0 17.0 17.0 17.0 17.0 16.0 16.0 0.27 25.0 17.0 17.0 17.0 17.0 16.0 16.0 0.33 28.0 22.0 15.0 15.0 15.0 15.0 14.0 14.0 0.39 28.0 22.0 15.0 15.0 15.0 15.0 14.0 14.0 0.47 26.0 20.0 13.0 13.0 13.0 13.0 12.0 12.0 0.56 26.0 18.0 13.0 13.0 13.0 13.0 12.0 12.0 0.68 24.0 16.0 10.0 10.0 10.0 10.0 9.0 9.0 0.82 24.0 16.0 10.0 10.0 10.0 10.0 9.0 9.0 1.0 20.0 17.0 10.0 8.0 8.0 8.0 8.0 7.0 7.0 1.2 20.0 17.0 10.0 9.0 8.0 8.0 8.0 8.0 7.0 7.0 1.5 14.0 10.0 9.0 8.0 6.0 5.0 5.0 5.0 4.0 4.0 1.8 14.0 10.0 9.0 8.0 6.0 5.0 5.0 5.0 4.0 4.0 2.2 14.0 13.0 8.0 7.0 6.0 5.0 3.5 3.5 3.5 3.0 3.0 2.7 14.0 13.0 8.0 7.0 6.0 5.0 3.5 3.5 3.5 3.0 3.0 3.3 13.0 10.0 6.0 5.5 4.0 3.0 3.0 3.0 2.5 2.5 3.9 13.0 10.0 6.0 5.5 4.0 3.0 3.0 3.0 2.5 2.5 4.7 10.0 8.0 5.0 4.5 3.0 2.5 2.5 2.5 2.0 2.0 5.6 10.0 8.0 5.0 4.5 3.0 2.5 2.5 2.5 2.0 2.0 6.8 8.0 6.0 4.0 3.6 2.5 2.0 2.0 2.0 1.5 1.5 8.2 8.0 6.0 4.0 3.6 2.5 2.0 2.0 2.0 1.5 1.5 10.0 6.0 5.0 3.2 2.9 2.0 1.6 1.6 1.6 1.0 1.0 12.0 6.0 5.0 3.2 2.9 2.5 2.0 1.6 1.6 1.6 15.0 5.0 3.7 2.5 2.3 2.0 1.6 1.2 1.2 1.2 18.0 5.0 3.7 2.5 2.3 2.0 1.6 1.2 1.2 22.0 3.7 2.7 2.0 1.8 1.3 1.0 1.0 27.0 3.7 2.7 2.0 1.8 1.3 1.0 1.0 33.0 3.0 2.1 1.6 1.4 1.2 1.0 0.8 0.8 39.0 3.0 2.1 1.6 1.4 1.2 1.0 0.8 47.0 2.0 1.7 1.3 1.2 1.0 0.8 0.6 56.0 2.0 1.7 1.3 1.2 1.0 0.8 68.0 1.8 1.3 1.0 0.9 0.8 0.6 82.0 1.8 1.3 1.0 0.9 0.8 0.6 100.0 1.6 1.0 0.8 0.6 0.5 0.5 120.0 1.6 1.0 0.8 0.6 150.0 0.9 0.8 0.6 0.5 180.0 0.9 0.8 0.6 0.5 220.0 0.9 0.6 0.5 270.0 0.9 0.6 0.5 330.0 0.7 0.5 0.4 390.0 0.7 0.5 470.0 0.5 0.5 560.0 0.5 0.5 680.0 0.3 820.0 0.3 1000.0 0.12 1200.0 0.12 Cap µF 6 Volt 10 Volt 15 Volt 20 Volt 35 Volt 50 Volt 5.6 0.300 6.8 0.275 8.2 0.250 0.250 10.0 0.230 0.230 12.0 0.210 0.210 15.0 0.190 0.190 18.0 0.175 0.175 22.0 0.160 0.160 27.0 0.145 0.145 33.0 0.130 0.130 39.0 0.120 0.120 47.0 0.110 0.110 56.0 0.100 0.100 68.0 0.095 0.095 82.0 0.085 0.085 0.085 100.0 0.075 0.075 0.075 120.0 0.070 0.070 150.0 0.065 0.065 180.0 0.060 0.060 220.0 0.055 0.055 270.0 0.050 330.0 0.045 T110 Herm Seal LOW ESR (OHMS) at 100 kHz @ +25º C The ESR values provided below may be ordered using KEMET Customer Specification 2864. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |