Electronic Components Datasheet Search
  English  ▼

X  

FTD2019 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTD2019
Description  Load Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD2019 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTD2019 Datasheet HTML 1Page - Sanyo Semicon Device FTD2019 Datasheet HTML 2Page - Sanyo Semicon Device FTD2019 Datasheet HTML 3Page - Sanyo Semicon Device FTD2019 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6383-3/4
FTD2019
0
0
1
2
3
4
5
6
7
8
50
45
25
15
20
40
30
35
510
9
10
VGS -- Qg
VDS=10V
ID=5A
IT00941
A S O
100m
s
DC
operation
<10
µs
1m
s
10ms
IDP=20A
ID=5A
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
100
10
1.0
0.1
0.01
23
5 7
23
5 7
2 3
5 7
2 3
5 7
0.01
0.1
1.0
10
100
IT00942
Operation in this
area is limited by RDS(on).
0
0
20
40
60
0.5
1.0
80
100
120
1.5
1.3
0.8
140
160
PD -- Ta
IT00943
0
5
10
15
20
25
30
35
10
100
10000
1000
7
5
3
2
7
5
3
2
7
5
3
2
Ciss, Coss, Crss -- VDS
f=1MHz
0.1
1.0
23
5
7
2
3
5
7
1.0
1000
100
7
5
3
2
7
5
3
2
10
7
5
3
2
10
SW Time -- ID
VDD=10V
VGS=4V
Ciss
Coss
Crss
td(on)
td(off)
tr
tf
IT00939
IT00940
IT00937
IT00938
0.001
0.01
0.1
0.01
2 3
57
2 3
57
2 3
5 7
2 3
57
0.1
100
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
10
1.0
yfs -- ID
VDS=10V
75
°C
25°
C
Ta=-
-25
°C
0.2
0.4
0.6
1.0
0.9
0.8
1.2
0.3
0.5
0.7
1.1
0.001
0.01
0.1
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
IF -- VSD
VGS = 0
100
µs
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg
–
nC
Drain-to-Source Voltage, VDS –V
Ta= 25
°C
Single pulse
1 unit
Mounted on a ceramic board (1000mm
2
×0.8mm)
Ambient Temperature, Ta –
°C
Mounted on a ceramic board (1000mm
2
×0.8mm)
Total
Dissipation
1 unit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com