Electronic Components Datasheet Search
  English  ▼

X  

MPC8544E Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8544E
Description  Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544E Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8544E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
40
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8.7.5
RMII AC Timing Specifications
This section describes the RMII transmit and receive AC timing specifications.
8.7.5.1
RMII Transmit AC Timing Specifications
The RMII transmit AC timing specifications are in Table 38.
Figure 23 shows the RMII transmit AC timing diagram.
Figure 23. RMII Transmit AC Timing Diagram
Table 38. RMII Transmit AC Timing Specifications
At recommended operating conditions with L/TVDD of 3.3 V ± 5% or 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
REF_CLK clock period
tRMT
15.0
20.0
25.0
ns
—
REF_CLK duty cycle
tRMTH
35
50
65
%
—
REF_CLK peak-to-peak jitter
tRMTJ
——
250
ps
—
Rise time REF_CLK (20%–80%)
tRMTR
1.0
—
2.0
ns
—
Fall time REF_CLK (80%–20%)
tRMTF
1.0
—
2.0
ns
—
REF_CLK to RMII data TXD[1:0], TX_EN delay
tRMTDX
1.0
—
10.0
ns
—
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX symbolizes MII transmit
timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in general,
the clock reference symbol representation is based on two to three letters representing the clock of a particular functional.
For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall times, the latter convention is
used with the appropriate letter: R (rise) or F (fall).
REF_CLK
TXD[1:0]
tRMTDX
tRMT
tRMTH
tRMTR
tRMTF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com