Electronic Components Datasheet Search
  English  ▼

X  

MPC8544E Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # MPC8544E
Description  Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544E Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button MPC8544E Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 116Page - Freescale Semiconductor, Inc MPC8544E Datasheet HTML 117Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 115 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
115
Device Nomenclature
22.2
Nomenclature of Parts Fully Addressed by this Document
Table 75 provides the Freescale part numbering nomenclature for the MPC8544E.
22.3
Part Marking
Parts are marked as in the example shown in Figure 70.
Figure 70. Part Marking for FC-PBGA Device
Table 75. Device Nomenclature
MPC
nnnn
E
C
HX
AA
X
B
Product
Code
Part
Identifier
Encryption
Acceleration
Temperature Range
Package1
Processor
Frequency2
Platform
Frequency
Revision
Level
MPC
8544
Blank = not
included
E = included
B or Blank =
Industrial Tier
standard temp
range(0
° to 105°C)
C = Industrial Tier
Extended temp
range(–40
° to 105°C)
VT = FC-PBGA
(lead-free)
AL = 667 MHz
AN = 800 MHz
AQ = 1000 MHz
AR = 1067 MHz
F = 333 MHz
G = 400 MHz
J = 533 MHz
Contact local
Freescale
sales office
Notes:
1. See Section 18, “Package Description,” for more information on available package types.
2. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by part number specifications may support other
maximum core frequencies.
MMMMM CCCCC
ATWLYYWW
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMM is the 5-digit mask number.
ATWLYYWW is the traceability code.
FC-PBGA
MPCnnnnCHXAAXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com