Electronic Components Datasheet Search
  English  ▼

X  

IR3519 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3519
Description  Synchronous MOSFET GateDriver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3519 Datasheet(HTML) 2 Page - International Rectifier

  IR3519 Datasheet HTML 1Page - International Rectifier IR3519 Datasheet HTML 2Page - International Rectifier IR3519 Datasheet HTML 3Page - International Rectifier IR3519 Datasheet HTML 4Page - International Rectifier IR3519 Datasheet HTML 5Page - International Rectifier IR3519 Datasheet HTML 6Page - International Rectifier IR3519 Datasheet HTML 7Page - International Rectifier IR3519 Datasheet HTML 8Page - International Rectifier IR3519 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IR3519
Page 2 of 10
www.irf.com
8/15/08
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings (Referenced to GND)
BOOT Voltage: ................................................40 V
PH Voltage:..............-5V(100ns),-0.3V(DC) to 35 V
UGATE Voltage: ......-5V(100ns),-0.3V(DC) to 40 V
LGATE Voltage: .........-5V(100ns),-0.3V(DC) to 8 V
BOOT - PH Voltage: ............................ -0.3V to 8 V
UGATE - PH Voltage: .......................... -0.3V to 8 V
VDD: ..................................................................8 V
GND: .................................................. -0.3V to 0.3V
All other pins ........................................ -0.3V to 8 V
Operating Junction Temperature .. -10°C to +150
oC
MSL Rating ..................................................Level 2
Reflow Temperature …................................260
oC
Storage Temperature Range .......... -65
oC to 150oC
ESD Rating ......... HBM Class 1C JEDEC Standard
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
RECOMMENDED OPERATING CONDITIONS
6.5V≤ VDD ≤ 7.5V, 0
oC ≤ T
J ≤ 125
oC
ELECTRICAL SPECIFICATIONS
The electrical characteristics involve the spread of values guaranteed within the recommended operating
conditions. Typical values represent the median values, which are related to 25°C. CUGATE = 3.3nF, CLGATE = 6.8nF
(unless otherwise specified).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Gate Drivers
UGATE Source Resistance
BOOT – PH = 7V. Note 1
1.0
2.5
Ω
UGATE Sink Resistance
BOOT – PH = 7V. Note 1
1.0
2.5
Ω
LGATE Source Resistance
VDD –GND = 7V. Note 1
1.0
2.5
Ω
LGATE Sink Resistance
VDD – GND = 7V. Note 1
0.4
1.0
Ω
UGATE Source Current
BOOT=7V, UGATE=3.5V,
SW=0V. Note 1
2.0
A
UGATE Sink Current
BOOT=7V, UGATE=3.5V,
SW=0V. Note 1
2.0
A
LGATE Source Current
VDD=7V, LGATE=3.5V,
GND=0V. Note 1
2.0
A
LGATE Sink Current
VDD=7V, LGATE=3.5V,
GND=0V. Note 1
5.0
A
UGATE Rise Time
BOOT – PH = 7V, measure 1V
to 4V transition time.
5
ns
UGATE Fall Time
BOOT - PH = 7V, measure 4V to
1V transition time.
5
ns
LGATE Rise Time
VDD – GND = 7V, Measure 1V
to 4V transition time.
10
ns
LGATE Fall Time
VDD – GND = 7V, Measure 4V
to 1V transition time.
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com