Electronic Components Datasheet Search
  English  ▼

X  

EPA1624 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1624
Description  Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1624 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1624 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in Switch-Mode Power Supplies
• Add “-LF” after part number for Lead-Free
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• 1.0A Max. D.C. Current
EPA1624 & EPA1624-LF
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA1624 & -LF Rev. B2
10/24/06 RR
Primary OCL
(µH)
315-385
@ 1 KHz, 0.1Vrms
DCR
(
Ω)
0.20-0.27
Schematic
1
2
Package
Mylar
Tape
(Black)
.765
Max.
(19.43)
.250 Min.
(6.35)
.562 Max.
(14.27)
Tinned
Lead
.415
Max.
(10.54)
Core
Ø .04 ± .005
Typically
Twisted Pair
Cut-
away
view
Notes :
2. Peak Solder Rating
(per IPC/JEDEC-JESD22-B106-B)
3. Weight
1. Lead Finish
4. Packaging Information
Tray :
EPA1624-LF
260°C
10 (+2/-0) seconds
7.89 grams
Hot Tin Dip (Sn)
TBD pieces/tray
EPA1624
260°C
10 (+2/-0) seconds
7.89 grams
SnPb or SnAg
TBD pieces/tray
Electrical Specifications @ 25°C


Similar Part No. - EPA1624

ManufacturerPart #DatasheetDescription
logo
CUI INC
EPA160025-P5-SZ CUI-EPA160025-P5-SZ Datasheet
405Kb / 7P
linear adapter
logo
Excelics Semiconductor,...
EPA160A EXCELICS-EPA160A Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA160A-100P EXCELICS-EPA160A-100P Datasheet
54Kb / 2P
High Efficiency Heterojunction Power FET
EPA160B EXCELICS-EPA160B Datasheet
32Kb / 2P
High Efficiency Heterojunction Power FET
EPA160B-100P EXCELICS-EPA160B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA1624

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-504 RHOMBUS-IND-L-504 Datasheet
39Kb / 1P
INDUCTOR
05/03/01
L-687 RHOMBUS-IND-L-687 Datasheet
17Kb / 1P
INDUCTOR
09/08/00
L-705 RHOMBUS-IND-L-705 Datasheet
38Kb / 1P
INDUCTOR
6/26/01
logo
KR Electronics, Inc.
2224 KR-2224 Datasheet
19Kb / 1P
Inductor
logo
XFMRS Inc.
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
INDUCTOR
XF1606T-XXX XFMRS-XF1606T-XXX Datasheet
45Kb / 1P
INDUCTOR
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
INDUCTOR
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
XFMRS Inc.
1XF0100-VO XFMRS-1XF0100-VO Datasheet
51Kb / 1P
INDUCTOR
6XFXXX6-S3P XFMRS-6XFXXX6-S3P Datasheet
58Kb / 1P
INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com