Electronic Components Datasheet Search
  English  ▼

X  

CSR91B553JD Datasheet(PDF) 21 Page - Kemet Corporation

Part # CSR91B553JD
Description  TANTALUM HERMETICALLY SEALED
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR91B553JD Datasheet(HTML) 21 Page - Kemet Corporation

Back Button CSR91B553JD Datasheet HTML 17Page - Kemet Corporation CSR91B553JD Datasheet HTML 18Page - Kemet Corporation CSR91B553JD Datasheet HTML 19Page - Kemet Corporation CSR91B553JD Datasheet HTML 20Page - Kemet Corporation CSR91B553JD Datasheet HTML 21Page - Kemet Corporation CSR91B553JD Datasheet HTML 22Page - Kemet Corporation CSR91B553JD Datasheet HTML 23Page - Kemet Corporation CSR91B553JD Datasheet HTML 24Page - Kemet Corporation CSR91B553JD Datasheet HTML 25Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T222 SERIES — POLAR MINIATURE (CSR09)
24
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
KEMET ultra-miniature T222 Series solid tantalum capacitors are
designed especially for miniaturization.
The T222 Series capacitors employ a unique glass-to-metal com-
pression end seal which has no protruding eyelet. This flush end
seal construction makes T222 Series capacitors ideally suited for all
miniature high density packaging applications. The capacitors con-
sist of a dry porous tantalum pellet hermetically sealed in a solder
coated metal case with solder coated alloy 52 and solder coated
nickel leads.
The T222 series is approved to MIL-PRF-39003/2, all ratings and
failure rates.
CAPACITOR OUTLINE DRAWINGS
DIMENSIONS — INCHES & (MILLIMETERS)
UNINSULATED
INSULATED
D
B
CASE
±0.005
WIRE
SIZE
(±.13)
L
D
L
DIAMETER
A
.085 (2.16)
.245 + .015 (6.22 + .38)
.090 ± .009 (2.29 ± .23)
.250 + .031 (6.35 + .79)
.016 + .005 (.41 + .13)
- .010
(-.25)
- .015
(-.38)
- .001
(-.03)
B
.127 (3.23)
.375 ± .015 (.53 ± .38)
.138 ± .010 (3.51 ± .25)
.390 ± .015 (9.91 ± .38)
.016 + .005 (.41 + .13)
-.001
(-.03)
ORDERING INFORMATION
T
222
A
225
K
010
B
S
C*
TANTALUM
SERIES (CSR09)
CASE SIZE
A/ B
PICOFARAD CODE
First two digits represent significant figures.
3rd digit specifies no. of zeros to follow.
CAPACITANCE TOLERANCE
M — ±20
K — ±10
J — ±5
VOLTAGE
at 85°C
FAILURE RATE LEVEL**
GRADED
EXPONENTIAL
B — 0.1%/k hrs.
M — 1%/k hrs.
C — 0.01%/k hrs.
P — 0.1%/k hrs.
D — 0.001%/k hrs.
R — 001%/k hrs.
.S — 0.001%k hrs.
**Failure Rates apply only to military products
For Military Ordering, see page 4.
LEAD MATERIAL
S — Standard
Positive: Alloy 52 (solder coated)
Negative: Solder coated nickel
SPECIFICATION
All capacitors are sleeved
unless specified.
Military specification number
Specification sheet number and trademark
Nonsignificant dash number and “J” for JAN
Polarity, date code (1st digit indicates year and the
next two digits indicate the week)
and lot symbol
CSR09 CAPACITOR MARKINGS PER MIL-PRF-39003
39003
02 - K
2961J
+333
XX
D
L
B
1.50
±.250
(38.10
±6.35)
1.50
±.250
(38.10
±6.35)
+
*Part Number Example: T222A225K010BS (14 digits - no spaces)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com