Electronic Components Datasheet Search
  English  ▼

X  

TLE4476 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4476
Description  Dual Low Drop Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4476 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4476 Datasheet HTML 3Page - Infineon Technologies AG TLE4476 Datasheet HTML 4Page - Infineon Technologies AG TLE4476 Datasheet HTML 5Page - Infineon Technologies AG TLE4476 Datasheet HTML 6Page - Infineon Technologies AG TLE4476 Datasheet HTML 7Page - Infineon Technologies AG TLE4476 Datasheet HTML 8Page - Infineon Technologies AG TLE4476 Datasheet HTML 9Page - Infineon Technologies AG TLE4476 Datasheet HTML 10Page - Infineon Technologies AG TLE4476 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TLE 4476
Data Sheet
7
Rev. 2.5, 2007-03-20
Current Consumption
Quiescent current;
I
q = II - IQ1
I
q
–100
150
μA
T
j < 85 °C;
V
EN = 0 V
Quiescent current;
I
q = II - IQ1 - IQ2
I
q
–300
400
μA
I
Q1 = IQ2 = 300 μA;
T
j < 85 °C
Quiescent current;
I
q = II - IQ1 - IQ2
I
q
–2.5
10
mA
I
Q1 = 150 mA;
I
Q2 = 300 μA
Quiescent current;
I
q = II - IQ2 - IQ1
I
q
–5
13
mA
I
Q1 = 300 μA;
I
Q2 = 250 mA
Enable Input EN
EN ON voltage
V
EN ON
1.8
–
–
V
V
Q2 ON
EN OFF voltage
V
EN OFF
––
1.0
V
V
Q2 OFF
Input current
V
EN
–20
30
μA
V
EN = 13 V
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
2) Guaranteed by design.
Table 4
Electrical Characteristics (cont’d)
V
I = 13.5 V; VEN > VENH; -40 °C < Tj < 150 °C; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min. Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com