Electronic Components Datasheet Search
  English  ▼

X  

TLE4675G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4675G
Description  Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4675G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4675G Datasheet HTML 8Page - Infineon Technologies AG TLE4675G Datasheet HTML 9Page - Infineon Technologies AG TLE4675G Datasheet HTML 10Page - Infineon Technologies AG TLE4675G Datasheet HTML 11Page - Infineon Technologies AG TLE4675G Datasheet HTML 12Page - Infineon Technologies AG TLE4675G Datasheet HTML 13Page - Infineon Technologies AG TLE4675G Datasheet HTML 14Page - Infineon Technologies AG TLE4675G Datasheet HTML 15Page - Infineon Technologies AG TLE4675G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TLE4675
Voltage Regulator
Data Sheet
12
Rev. 1.0, 2008-09-30
5.3
Typical Performance Characteristics Voltage Regulator
Output Voltage
V
Q vs.
Junction Temperature
T
j
Output Current Limitation
I
Q,max
vs. Input Voltage
V
I
Output Capacitor Series Resistor
ESR
CQ
vs. Output Current
I
Q
Power Supply Ripple Rejection
PSRR
-40
Tj [°C]
-20
20 40
80 100
VQ [V]
VQ -Tj.v s d
5.00
4.98
4.96
5.02
060
140
120
0
VI [V]
20
30
IQ,max
[mA]
SO A.v s d
300
200
100
400
10
40
Tj = 125 °C
Tj = 25 °C
ESR 22 u-IQ .v s d
1
0.1
0.01
ESRCQ
[
Ω]
0
IQ [mA]
160
240
80
320
100
10
CQ
≥ 22 µF;
6V
≤ VI ≤ 28 V;
-40 °C
≤ Tj ≤ 150 °C
Stable
Region
400
PSRR.VSD
0
10
20
30
40
50
60
70
0,01
0,1
1
10
100
1000
TJ = 150 °C
TJ = 25 °C
TJ = -40 °C
IQ = 10 mA
CQ = 22 µF ceramic
VI = 13 .5 V
Vripple = 1 Vpp
f [kHz]
PSRR
[dB]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com