Electronic Components Datasheet Search
  English  ▼

X  

EPC3107G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3107G
Description  Surface Mount Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3107G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3107G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
Features of the EFD20-6 Series
• Low Loss Material ensures operation in High Frequency
Switching Converters such as Flyback, Buck, Boost
Topology or as Coupled Inductors
• UL1446 Class B Insulating System
• UL 94V-0 Recognized Material
• Very Low Leakage Inductance
EPC3030G-EPC3107G
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3030G-CSC3107G
Rev. 4
12/18/02
Package EFD20-6
.591
(15.00)
.118
(3.00)
.854 Max.
(21.70)
.835 Max.
(21.20)
Pin 1
I.D.
1
12
6
7
.028
(.700)
PCA
EPC30XXG
D.C.
1.128
(28.65)
.080
(2.03)
0°-8°
.010
(.250)
.425 Max.
(10.80)
.016
(.400)
Schematic
5
4
7
8
9
6
2
1
10
11
12
3
1:1:1:1:1:1
Notes :
1. Ns = Number of series connections
2. Np = Number of parallel connections
3. Ks = Ns x
6/Ns
4. Kp =
6/Np
Connection
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Series
Parallel
Single Wdg
Part
Number
EPC3030G
EPC3031G
EPC3032G
EPC3033G
EPC3034G
EPC3035G
EPC3036G
EPC3037G
EPC3055G
EPC3067G
EPC3107G
Idc
(Amps)
6.1 /Ks
6.1 /Kp
2.5
7.5 /Ks
7.5 /Kp
3.06
6.1 /Ks
6.1 /Kp
2.5
7.5 /Ks
7.5 /Kp
3.06
6.1 /Ks
6.1 /Kp
2.5
7.5 /Ks
7.5 /Kp
3.06
6.1 /Ks
6.1 /Kp
2.5
7.5 /Ks
7.5 /Kp
3.06
5.2 /Ks
5.2 /Kp
2.1
4.0 /Ks
4.0 /Kp
1.6
2.2 /Ks
2.2 /Kp
0.9
DCR
(
Ω Max.)
.071 xNs
.071 /Np
.071
.047xNs
.047 /Np
.047
.071 xNs
.071 /Np
.071
.047 xNs
.047 /Np
.047
.071 xNs
.071 /Np
.071
.047 xNs
.047 /Np
.047
.071 xNs
.071 /Np
.071
.047xNs
.047 /Np
.047
.081xNs
.081 /Np
.081
.071 xNs
.071 /Np
.071
.071 xNs
.071 /Np
.071
Inductance
Change
@ Idc (Typ.)
27%
27%
7.5%
21%
21%
9%
1%
1%
0%
0.4%
0.4%
0%
0%
0%
0%
0%
0%
0%
0%
0%
0%
0%
0%
0%
14%
14%
2%
23%
23%
2%
30%
30%
2%
Inductance
(µH ± 20%)
@ 0 Adc
22.3 x(Ns)
22.3
22.3
9.9 x(Ns)
9.9
9.9
12.0 x(Ns)
12.0
12.0
5.3 x(Ns)
5.3
5.3
9.65 x(Ns)
9.65
9.65
4.3 x(Ns)
4.3
4.3
7.63 x(Ns)
7.63
7.63
3.4 x(Ns)
3.4
3.4
27.4 x(Ns)
27.4
27.4
31.7 x(Ns)
31.7
31.7
50.0 x(Ns)
50.0
50.0
Temp. Rise
@ Idc
(°C Typ.)
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
39
34
34
34
23
23
23
14.4
14.4
14.4
Vt 1
(V-µSec. Max.)
98 xNs
98
98
65.3 xNs
65.3
65.3
98 xNs
98
98
65.3 xNs
65.3
65.3
98 xNs
98
98
65.3 xNs
65.3
65.3
98 xNs
98
98
65.3 xNs
65.3
65.3
113 xNs
113
113
98 xNs
98
98
98 xNs
98
98
2
2
2
2
2
2
2
2
2
2
• Switching Frequency : Up to 1 MHz • Isolation : 500 Vrms •


Similar Part No. - EPC3107G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3107G PCA-EPC3107G Datasheet
69Kb / 1P
Surface Mount Power Transformer
More results

Similar Description - EPC3107G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3018G PCA-EPC3018G Datasheet
65Kb / 1P
Surface Mount Power Transformer
EPC3076G-X PCA-EPC3076G-X Datasheet
42Kb / 1P
Surface Mount Power Transformer
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
SURFACE MOUNT TRANSFORMER
logo
PCA ELECTRONICS INC.
EPC3020G PCA-EPC3020G Datasheet
68Kb / 1P
Surface Mount Power Transformer
EPC3028G PCA-EPC3028G Datasheet
69Kb / 1P
Surface Mount Power Transformer
EPC3018G-C3019G PCA-EPC3018G-C3019G_15 Datasheet
69Kb / 1P
Surface Mount Power Transformer
EPC3020G-C3027G PCA-EPC3020G-C3027G_15 Datasheet
68Kb / 1P
Surface Mount Power Transformer
EPC3028G-C3029G PCA-EPC3028G-C3029G_15 Datasheet
69Kb / 1P
Surface Mount Power Transformer
EPC3030G-EPC3107G PCA-EPC3030G-EPC3107G_15 Datasheet
69Kb / 1P
Surface Mount Power Transformer
EPC3076G-X PCA-EPC3076G-X_15 Datasheet
45Kb / 1P
Surface Mount Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com