Electronic Components Datasheet Search
  English  ▼

X  

MSC8156ESVT1000B Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MSC8156ESVT1000B
Description  Six-Core Digital Signal Processor with Security
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8156ESVT1000B Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MSC8156ESVT1000B Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8156ESVT1000B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
© 2008, 2010 Freescale Semiconductor, Inc.
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
Freescale Semiconductor
Data Sheet: Product Preview
Document Number: MSC8156E
Rev. 0, 12/2010
MSC8156E
FC-PBGA–783
29 mm
× 29 mm
• Six StarCore SC3850 DSP subsystems, each with an SC3850 DSP
core, 32 Kbyte L1 instruction cache, 32 Kbyte L1 data cache,
unified 512 Kbyte L2 cache configurable as M2 memory in
64 Kbyte increments, memory management unit (MMU),
extended programmable interrupt controller (EPIC), two
general-purpose 32-bit timers, debug and profiling support,
low-power Wait, Stop, and power-down processing modes, and
ECC/EDC support.
• Chip-level arbitration and switching system (CLASS) that
provides full fabric non-blocking arbitration between the cores
and other initiators and the M2 memory, shared M3 memory,
DDR SRAM controllers, device configuration control and status
registers, MAPLE-B, and other targets.
• 1056 Kbyte 128-bit wide M3 memory, 1024 Kbytes of which can
be turned off to save power.
• 96 Kbyte boot ROM.
• Three input clocks (one global and two differential).
• Five PLLs (three global and two Serial RapidIO PLLs).
• Multi-Accelerator Platform Engine for Baseband (MAPLE-B)
with a programmable system interface, Turbo decoding, Viterbi
decoding, and FFT/iFFT and DFT/iDFT processing. MAPLE-B
can be disabled when not required to reduce overall power
consumption.
• Security Engine (SEC) optimized to process all the algorithms
associated with IPSec, IKE, SSL/TLS, 3GPP, and LTE using 4
crypto-channels with multi-command descriptor chains,
integrated controller for assignment of the eight execution units
(PKEU, DEU, AESU, AFEU, MDEU, KEU, SNOW, and the
random number generator (RNG), and XOR engine to accelerate
parity checking for RAID storage applications.
• Two DDR controllers with up to a 400 MHz clock (800 MHz data
rate), 64/32 bit data bus, supporting up to a total 2 Gbyte in up to
four banks (two per controller) and support for DDR2 and DDR3.
• DMA controller with 32 unidirectional channels supporting 16
memory-to-memory channels with up to 1024 buffer descriptors
per channel, and programmable priority, buffer, and multiplexing
configuration. It is optimized for DDR SDRAM.
• Up to four independent TDM modules with programmable word
size (2, 4, 8, or 16-bit), hardware-base A-law/
μ-law conversion,
up to 62.5 Mbps data rate for each TDM link, and with glueless
interface to E1 or T1 framers that can interface with
H-MVIP/H.110 devices, TSI, and codecs such as AC-97.
• High-speed serial interface that supports two Serial RapidIO
interfaces, one PCI Express interface, and two SGMII interfaces
(multiplexed). The Serial RapidIO interfaces support 1x/4x
operation up to 3.125 Gbaud with a single messaging unit and two
DMA units. The PCI Express controller supports 32- and 64-bit
addressing, x4, x2, and x1 link.
• QUICC Engine technology subsystem with dual RISC
processors, 48 Kbyte multi-master RAM, 48 Kbyte instruction
RAM, supporting two communication controllers for two Gigabit
Ethernet interfaces (RGMII or SGMII), to offload scheduling
tasks from the DSP cores, and an SPI.
• I/O Interrupt Concentrator consolidates all chip maskable
interrupt and non-maskable interrupt sources and routes then to
INT_OUT, NMI_OUT, and the cores.
• UART that permits full-duplex operation with a bit rate of up to
6.25 Mbps.
• Two general-purpose 32-bit timers for RTOS support per SC3850
core, four timer modules with four 16-bit fully programmable
timers, and eight software watchdog timers (SWT).
• Eight programmable hardware semaphores.
• Up to 32 virtual interrupts and a virtual NMI asserted by simple
write access.
•I2C interface.
• Up to 32 GPIO ports, sixteen of which can be configured as
external interrupts.
• Boot interface options include Ethernet, Serial RapidIO interface,
I2C, and SPI.
• Supports standard JTAG interface
• Low power CMOS design, with low-power standby and
power-down modes, and optimized power-management circuitry.
• 45 nm SOI CMOS technology.
Six-Core Digital Signal
Processor with Security


Similar Part No. - MSC8156ESVT1000B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8156E FREESCALE-MSC8156E_11 Datasheet
1Mb / 68P
Six-Core Digital Signal Processor with Security
More results

Similar Description - MSC8156ESVT1000B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8144E FREESCALE-MSC8144E Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8154E FREESCALE-MSC8154E Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8156 FREESCALE-MSC8156 Datasheet
913Kb / 68P
Six-Core Digital Signal Processor
MSC8256 FREESCALE-MSC8256 Datasheet
913Kb / 68P
Six-Core Digital Signal Processor
MSC8152 FREESCALE-MSC8152_11 Datasheet
891Kb / 68P
Dual-Core Digital Signal Processor
MSC8154E FREESCALE-MSC8154E_11 Datasheet
889Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8156 FREESCALE-MSC8156_11 Datasheet
887Kb / 68P
Six-Core Digital Signal Processor
MSC8156E FREESCALE-MSC8156E_11 Datasheet
1Mb / 68P
Six-Core Digital Signal Processor with Security
MSC8256 FREESCALE-MSC8256_11 Datasheet
887Kb / 68P
Six-Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com